Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDC-20-3-75+ Datasheet (PDF) - Mini-Circuits

JDC-20-3-75+ Datasheet PDF - Mini-Circuits
Part # JDC-20-3-75+
Download  JDC-20-3-75+ Download
File Size   316.94 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Directional Coupler 75廓 2 to 250 MHz

JDC-20-3-75+ Datasheet (PDF)

Go To PDF Page Download Datasheet
JDC-20-3-75+ Datasheet PDF - Mini-Circuits

Part # JDC-20-3-75+
Download  JDC-20-3-75+ Click to download

File Size   316.94 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Directional Coupler 75廓 2 to 250 MHz

JDC-20-3-75+ Datasheet (HTML) - Mini-Circuits




Similar Part No. - JDC-20-3-75+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JDC-20-1W MINI-JDC-20-1W Datasheet
307Kb / 1P
Directional Coupler 50廓 50 to 750 MHz
JDC-20-1W+ MINI-JDC-20-1W+ Datasheet
307Kb / 1P
Directional Coupler 50廓 50 to 750 MHz
JDC-20-2 MINI-JDC-20-2 Datasheet
308Kb / 1P
Directional Coupler 50廓 400 to 900 MHz
JDC-20-2+ MINI-JDC-20-2+ Datasheet
308Kb / 1P
Directional Coupler 50廓 400 to 900 MHz
JDC-20-5 MINI-JDC-20-5 Datasheet
313Kb / 1P
Directional Coupler 50廓 50 to 1500 MHz
More results


Similar Description - JDC-20-3-75+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADC-10-4-75R MINI-ADC-10-4-75R Datasheet
298Kb / 1P
Directional Coupler 75廓 5 to 1000 MHz
ADC-16-4-75 MINI-ADC-16-4-75 Datasheet
242Kb / 1P
Directional Coupler 75廓 5 to 1000 MHz
JDC-10-4-75 MINI-JDC-10-4-75 Datasheet
317Kb / 1P
Directional Coupler 75廓 10 to 1000 MHz
LRDC-10-2-75 MINI-LRDC-10-2-75 Datasheet
279Kb / 1P
Directional Coupler 75廓 30 to 1000 MHz
LRDC-10-2-75J MINI-LRDC-10-2-75J Datasheet
253Kb / 1P
Directional Coupler 75廓 30 to 1000 MHz
LRDC-10-2W-75 MINI-LRDC-10-2W-75 Datasheet
277Kb / 1P
Directional Coupler 75廓 30 to 1200 MHz
LRDC-10-2W-75J MINI-LRDC-10-2W-75J Datasheet
252Kb / 1P
Directional Coupler 75廓 30 to 1200 MHz
TCD-9-1W-75 MINI-TCD-9-1W-75 Datasheet
282Kb / 1P
Directional Coupler 75廓 5 to 2000 MHz
TCD-10-1W-75 MINI-TCD-10-1W-75 Datasheet
280Kb / 1P
Directional Coupler 75廓 10 to 750 MHz
TCD-18-4-75 MINI-TCD-18-4-75 Datasheet
279Kb / 1P
Directional Coupler 75廓 10 to 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com