Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAPD-23+ Datasheet (PDF) - Mini-Circuits

ZAPD-23+ Datasheet PDF - Mini-Circuits
Part # ZAPD-23+
Download  ZAPD-23+ Download
File Size   161.92 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz

ZAPD-23+ Datasheet (PDF)

Go To PDF Page Download Datasheet
ZAPD-23+ Datasheet PDF - Mini-Circuits

Part # ZAPD-23+
Download  ZAPD-23+ Click to download

File Size   161.92 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz

ZAPD-23+ Datasheet (HTML) - Mini-Circuits


ZAPD-23+ Product details

Features
• wideband, 700 to 2000 MHz
• low insertion loss, 0.4 dB typ.
• good isolation, 27 dB typ.
• up to 10W power input as splitter
• excellent amplitude unbalance, 0.1 dB typ.
• excellent phase unbalance, 0.5 deg. typ.
• excellent VSWR, 1.15:1 typ.
• rugged shielded case

Applications
• UHF
• cellular
• GPS
• PCS/DCS




Similar Part No. - ZAPD-23+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-232-75 MINI-ZAPD-232-75 Datasheet
214Kb / 1P
Power Splitter/Combiner
ZAPD-232-75-F+ MINI-ZAPD-232-75-F+ Datasheet
214Kb / 1P
Power Splitter/Combiner
More results


Similar Description - ZAPD-23+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-2 MINI-ZAPD-2 Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1000 to 2000 MHz
ZAPD-20 MINI-ZAPD-20 Datasheet
165Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz
ZAPD-21 MINI-ZAPD-21 Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 500 to 2000 MHz
ZFRSC-2050 MINI-ZFRSC-2050 Datasheet
173Kb / 1P
Power Splitter/Combiner 2 Way-0 Resistive 50廓 DC to 2000 MHz
ZFSC-2-10G MINI-ZFSC-2-10G Datasheet
199Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 2000 to 10000 MHz
ZFSC-2-11 MINI-ZFSC-2-11 Datasheet
98Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 10 to 2000 MHz
ZN2PD-20 MINI-ZN2PD-20 Datasheet
97Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 750 to 2000 MHz
ZN2PD-920W MINI-ZN2PD-920W Datasheet
144Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 700 to 1050 MHz
ZN2PD-1900W MINI-ZN2PD-1900W Datasheet
94Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1500 to 2000 MHz
ZFSC-2-10G MINI-ZFSC-2-10G_1 Datasheet
178Kb / 1P
Power Splitter/Combiner 2 Way-0째 50廓 2000 to 10000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com