Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAPD-162-75+ Datasheet (PDF) - Mini-Circuits

ZAPD-162-75+ Datasheet PDF - Mini-Circuits
Part # ZAPD-162-75+
Download  ZAPD-162-75+ Download
File Size   158.6 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner 2 Way-0 75廓 600 to 1600 MHz

ZAPD-162-75+ Datasheet (PDF)

Go To PDF Page Download Datasheet
ZAPD-162-75+ Datasheet PDF - Mini-Circuits

Part # ZAPD-162-75+
Download  ZAPD-162-75+ Click to download

File Size   158.6 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner 2 Way-0 75廓 600 to 1600 MHz

ZAPD-162-75+ Datasheet (HTML) - Mini-Circuits


ZAPD-162-75+ Product details

Features
• very wide bandwidth, 600-1600 MHz
• low insertion loss, 0.3 dB typ.
• good isolation, 32 dB typ.
• excellent output VSWR, 1.25:1 typ.
• excellent output VSWR, 1.20:1 typ.

Applications
• cable TV
• ISM




Similar Part No. - ZAPD-162-75+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-1 MINI-ZAPD-1 Datasheet
161Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 500 to 1000 MHz
ZAPD-1+ MINI-ZAPD-1+ Datasheet
161Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 500 to 1000 MHz
ZAPD-1750 MINI-ZAPD-1750 Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 950 to 1750 MHz
ZAPD-1750+ MINI-ZAPD-1750+ Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 950 to 1750 MHz
More results


Similar Description - ZAPD-162-75+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-2-252-75 MINI-ZAPD-2-252-75 Datasheet
139Kb / 1P
Power Splitter/Combiner 2 Way-0 75廓 5 to 2500 MHz
ZAPD-20 MINI-ZAPD-20 Datasheet
165Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz
ZFRSC-2075 MINI-ZFRSC-2075 Datasheet
178Kb / 1P
Power Splitter/Combiner 2 Way-0 Resistive 75廓 DC to 2000 MHz
ZFSC-2-2 MINI-ZFSC-2-2 Datasheet
102Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 10 to 1000 MHz
ZFSC-2-6-75 MINI-ZFSC-2-6-75 Datasheet
99Kb / 1P
Power Splitter/Combiner 2 Way-0 75廓 0.004 to 60 MHz
ZMSC-2-1 MINI-ZMSC-2-1 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 0.1 to 400 MHz
ZN2PD1-222 MINI-ZN2PD1-222 Datasheet
121Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 600 to 2200 MHz
ZN2PD-1900 MINI-ZN2PD-1900 Datasheet
89Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1600 to 1900 MHz
ZSC-2-2 MINI-ZSC-2-2 Datasheet
222Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 0.002 to 60 MHz
ZSC-2375 MINI-ZSC-2375 Datasheet
101Kb / 1P
Power Splitter/Combiner 2 Way-0 75廓 55 to 85 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com