Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61NVP102436A-166TQI Datasheet (PDF) - Integrated Silicon Solution, Inc

IS61NVP102436A-166TQI Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS61NVP102436A-166TQI
Download  IS61NVP102436A-166TQI Download
File Size   228.58 Kbytes
Page   22 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1Mb x 36 and 2Mb x 18 STATE BUS SRAM

IS61NVP102436A-166TQI Datasheet (PDF)

Go To PDF Page Download Datasheet
IS61NVP102436A-166TQI Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS61NVP102436A-166TQI
Download  IS61NVP102436A-166TQI Click to download

File Size   228.58 Kbytes
Page   22 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1Mb x 36 and 2Mb x 18 STATE BUS SRAM

IS61NVP102436A-166TQI Datasheet (HTML) - Integrated Silicon Solution, Inc


IS61NVP102436A-166TQI Product details

DESCRIPTION
The 36 Meg NLP/NVP product family feature high-speed, low-power synchronous static RAMs designed to provide a burstable, high-performance, no wait state, device for networking and communications applications. They are organized as 1M words by 36 bits and 2M words by 18 bits, fabricated with ISSIs advanced CMOS technology.

FEATURES
• 100 percent bus utilization
• No wait cycles between Read and Write
• Internal self-timed write cycle
• Individual Byte Write Control
• Single R/W (Read/Write) control pin
• Clock controlled, registered address, data and control
• Interleaved or linear burst sequence control using MODE input
• Three chip enables for simple depth expansion and address pipelining
• Power Down mode
• Common data inputs and data outputs
• CKE pin to enable clock and suspend operation
• JEDEC 100-pin TQFP and 165-ball PBGA packages
• Power supply: NVP: VDD 2.5V (± 5%), VDDQ 2.5V (± 5%) NLP: VDD 3.3V (± 5%), VDDQ 3.3V/2.5V (± 5%)
• Industrial temperature available
• Lead-free available




Similar Part No. - IS61NVP102436A-166TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVP102436B-166B2 ISSI-IS61NVP102436B-166B2 Datasheet
1Mb / 38P
36Mb, PIPELINE NO WAIT STATE BUS SRAM
B1 07/19/2019
IS61NVP102436B-166B2I ISSI-IS61NVP102436B-166B2I Datasheet
1Mb / 38P
36Mb, PIPELINE NO WAIT STATE BUS SRAM
B1 07/19/2019
IS61NVP102436B-166B2L ISSI-IS61NVP102436B-166B2L Datasheet
1Mb / 38P
36Mb, PIPELINE NO WAIT STATE BUS SRAM
B1 07/19/2019
IS61NVP102436B-166B2LI ISSI-IS61NVP102436B-166B2LI Datasheet
1Mb / 38P
36Mb, PIPELINE NO WAIT STATE BUS SRAM
B1 07/19/2019
IS61NVP102436B-166B3 ISSI-IS61NVP102436B-166B3 Datasheet
1Mb / 38P
36Mb, PIPELINE NO WAIT STATE BUS SRAM
B1 07/19/2019
More results


Similar Description - IS61NVP102436A-166TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Silicon Solu...
IS61VPS102436A ISSI-IS61VPS102436A Datasheet
281Kb / 21P
1Mb x 36, 2Mb x 18 36Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
logo
GSI Technology
GS8673EQ18BGK-625IS GSI-GS8673EQ18BGK-625IS Datasheet
368Kb / 25P
2Mb x 36 and 4Mb x 18 organizations available
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com