Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3107EAG+ Datasheet (PDF) - Maxim Integrated Products

MAX3107EAG+ Datasheet PDF - Maxim Integrated Products
Part # MAX3107EAG+
Download  MAX3107EAG+ Download
File Size   2595.93 Kbytes
Page   51 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SPI/I2C UART with 128-Word FIFOs and Internal Oscillator

MAX3107EAG+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3107EAG+ Datasheet PDF - Maxim Integrated Products

Part # MAX3107EAG+
Download  MAX3107EAG+ Click to download

File Size   2595.93 Kbytes
Page   51 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SPI/I2C UART with 128-Word FIFOs and Internal Oscillator

MAX3107EAG+ Datasheet (HTML) - Maxim Integrated Products


MAX3107EAG+ Product details

General Description

The  MAX3107  is  an  advanced  universal  asynchronous receiver-transmitter  (UART)  with  128 words  each  of receive  and  transmit  first-in/first-out  (FIFO)  that  can  be controlled through I2C or high-speed SPI™. The 2x and 4x rate modes allow a maximum of 24Mbps data rates. A  phase-locked  loop  (PLL),  prescaler,  and  fractional baud-rate generator allow for high-resolution baud-rate programming  and  minimize  the  dependency  of  baud rate on reference clock frequency.



Features

24-Pin, Lead-Free TQFN (3.5mm x 3.5mm) and 24-Pin, Lead-Free SSOP Packages

24Mbps (max) Data Rate

Integrated PLL and Divider

Fractional Baud-Rate Generator

SPI Up to 26MHz Clock Rate

Auto Transceiver Direction Control

Half-Duplex Echo Suppression

Auto RTS/CTS and XON/XOFF Flow Control

Special Character Detection

GPIO-Based Character Detection

9-Bit Multidrop-Mode Data Filtering

SIR- and MIR-Compliant IrDA Encoder/Decoder

+2.35V to +3.6V Supply Range

Logic-Level Translation on the Controller and Transceiver Interfaces (Down to 1.7V)

Four Flexible GPIOs

Line Noise Indication

Shutdown and Autosleep Modes

Low 640µA (typ) Supply Current at 1Mbaud and 20MHz Clock

Low 20µA (typ) Shutdown Power




Similar Part No. - MAX3107EAG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3107EAG+ MAXIM-MAX3107EAG+ Datasheet
2Mb / 52P
SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
Rev 2; 4/10
More results


Similar Description - MAX3107EAG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3107 MAXIM-MAX3107_10 Datasheet
2Mb / 52P
SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
Rev 2; 4/10
MAX3108 MAXIM-MAX3108 Datasheet
2Mb / 56P
SPI/I2C UART with 128-Word FIFOs in WLP
Rev 1; 2/11
MAX3107 MAXIM-MAX3107_11 Datasheet
2Mb / 52P
SPI/I2C UART with 128-Word FIFOs
Rev 3; 8/11
MAX3107 MAXIM-MAX3107_15 Datasheet
1Mb / 52P
SPI/I2C UART with 128-Word FIFOs
Rev 7; 5/15
MAX3109 MAXIM-MAX3109_15 Datasheet
1Mb / 66P
Dual Serial UART with 128-Word FIFOs
Rev 3; 2/15
MAX14830 MAXIM-MAX14830_15 Datasheet
2Mb / 68P
Quad Serial UART with 128-Word FIFOs
Rev 5; 2/15
MAX3109 MAXIM-MAX3109_V01 Datasheet
2Mb / 66P
Dual Serial UART with 128-Word FIFOs
19-5806; Rev 6; 8/20
MAX3108A MAXIM-MAX3108A Datasheet
1Mb / 56P
SPI/I2C UART with 128-Word FIFOs in WLP
19-6449; Rev 1; 2/15
MAX3108 MAXIM-MAX3108_V01 Datasheet
2Mb / 56P
SPI/I2C UART with 128-Word FIFOs in WLP
19-5723; Rev 2; 1/13
MAX14830 MAXIM-MAX14830_V01 Datasheet
1Mb / 68P
Quad Serial UART with 128-Word FIFOs
19-5547; Rev 7; 2/16
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com