Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2432P+ Datasheet (PDF) - Maxim Integrated Products

DS2432P+ Datasheet PDF - Maxim Integrated Products
Part # DS2432P+
Download  DS2432P+ Download
File Size   165.06 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Kb Protected 1-Wire EEPROM with SHA-1 Engine

DS2432P+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2432P+ Datasheet PDF - Maxim Integrated Products

Part # DS2432P+
Download  DS2432P+ Click to download

File Size   165.06 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Kb Protected 1-Wire EEPROM with SHA-1 Engine

DS2432P+ Datasheet (HTML) - Maxim Integrated Products


DS2432P+ Product details

DESCRIPTION

The DS2432 combines 1024 bits of EEPROM, a 64-bit secret, an 8-byte register/control page with up to five user read/write bytes, a 512-bit SHA-1 engine, and a fully-featured 1-Wire interface in a single chip. Each DS2432 has its own 64-bit ROM registration number that is factory lasered into the chip to provide a guaranteed unique identity for absolute traceability. Data is transferred serially via the 1-Wire protocol, which requires only a single data lead and a ground return.


 



FEATURES

1128 Bits of 5V EEPROM Memory Partitioned Into Four Pages of 256 Bits, a 64-Bit Write-Only Secret, and Up to Five General-Purpose Read/Write Registers

On-Chip 512-Bit ISO/IEC 10118-3 SHA-1 Engine to Compute 160-Bit Message Authentication Codes (MACs) and to Generate Secrets

Write Access Requires Knowledge of the Secret and the Capability of Computing and Transmitting a 160-Bit MAC as Authorization

Secret and Data Memory Can Be Write Protected (All or Page 0 Only) or Put in EPROM-Emulation Mode (“Write to 0”, Page 1)

Unique, Factory-Lasered and Tested 64-Bit Registration Number Assures Absolute Traceability Because No Two Parts Are Alike

Built-In Multidrop Controller Ensures Compatibility with Other 1-Wire® Net Products

Reduces Control, Address, Data, and Power to a Single Data Pin

Directly Connects to a Single Port Pin of a Microprocessor and Communicates at Up to 15.3kbps

Overdrive Mode Boosts Communication Speed to 125kbps

Low-Cost 6-Lead TSOC Surface-Mount Package or Solder-Bumped UCSP™ Package

Reads and Writes Over a Wide Voltage Range of 2.8V to 5.25V from -40°C to +85°C



 




Similar Part No. - DS2432P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2432P+ MAXIM-DS2432P+ Datasheet
432Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS2432P+R MAXIM-DS2432P+R Datasheet
432Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS2432P+T MAXIM-DS2432P+T Datasheet
432Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
More results


Similar Description - DS2432P+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2432 DALLAS-DS2432 Datasheet
165Kb / 30P
1k-Bit Protected 1-Wire EEPROM with SHA-1 Engine
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
1kb Protected EEPROM iButton With SHA-1 Engine
DS28E01-100 DALLAS-DS28E01-100 Datasheet
219Kb / 16P
1K-Bit Protected 1-Wire EEPROM with SHA-1 Engine
logo
Maxim Integrated Produc...
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS28CN01_0911 MAXIM-DS28CN01_0911 Datasheet
139Kb / 10P
1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 2; 11/09
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
1kb Protected EEPROM iButton With SHA-1 Engine
092302
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com