Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15059BETE+ Datasheet (PDF) - Maxim Integrated Products

MAX15059BETE+ Datasheet PDF - Maxim Integrated Products
Part # MAX15059BETE+
Download  MAX15059BETE+ Download
File Size   2202.61 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 76V, 300mW Boost Converter and Current Monitor for APD Bias Applications

MAX15059BETE+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX15059BETE+ Datasheet PDF - Maxim Integrated Products

Part # MAX15059BETE+
Download  MAX15059BETE+ Click to download

File Size   2202.61 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 76V, 300mW Boost Converter and Current Monitor for APD Bias Applications

MAX15059BETE+ Datasheet (HTML) - Maxim Integrated Products


MAX15059BETE+ Product details

General Description
The MAX15059 constant-frequency pulse-width modulating (PWM) step-up DC-DC converter features an internal switch and a high-side current monitor with highspeed adjustable current limiting. This device is capable of generating output voltages up to 76V (300mW for the MAX15059A and 200mW for the MAX15059B) and provides current monitoring up to 4mA. The MAX15059 operates from 2.8V to 5.5V.

Features
♦ Input Voltage Range: +2.8V to +5.5V
♦ Wide Output-Voltage Range from (VIN + 5V) to 76V
♦ Internal 1Ω (typ) 80V MOSFET
♦ Boost Converter Output Power: 300mW
♦ 200mW Version Available for Smaller Inductor
♦ Accurate ±5% (1:1 and 5:1) High-Side Current Monitor
♦ Resistor-Adjustable Ultra-Fast APD Current Limit (1µs Response Time)
♦ Open-Drain Current-Limit Indicator Flag
♦ 400kHz Fixed-Switching Frequency
♦ Constant PWM Frequency Provides Easy Filtering in Low-Noise Applications
♦ Internal Soft-Start
♦ 2µA (max) Shutdown Current
♦ -40°C to +125°C Temperature Range
♦ Small, Thermally Enhanced, 3mm x 3mm, Lead-Free, 16-Pin TQFN-EP Package

Applications
    Avalanche Photodiode Biasing and Monitoring
    PIN Diode Bias Supply
    Low-Noise Varactor Diode Bias Supply
    FBON Modules
    GPON Modules




Similar Part No. - MAX15059BETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15059B MAXIM-MAX15059B Datasheet
931Kb / 6P
Demonstrates Thermal-Shutdown Feature
Rev 0; 5/10
More results


Similar Description - MAX15059BETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15031 MAXIM-MAX15031 Datasheet
379Kb / 16P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
logo
Linear Technology
LT3482 LINER-LT3482 Datasheet
196Kb / 12P
90V Boost DC/DC Converter with APD Current Monitor
logo
Maxim Integrated Produc...
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
MAX15031 MAXIM-MAX15031_09 Datasheet
477Kb / 17P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
DS1842A MAXIM-DS1842A Datasheet
145Kb / 6P
76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
DS1842 MAXIM-DS1842_11 Datasheet
216Kb / 6P
76V, APD, Bias Output Stage with Current Monitoring
Rev 1; 3/11
logo
Taiwan Memory Technolog...
I7990N TMT-I7990N Datasheet
26Kb / 1P
Boost Converter and Current Monitor for APD
logo
Linear Technology
LT3905 LINER-LT3905_15 Datasheet
257Kb / 18P
Boost DC/DC Converter with APD Current Monitor
LT3905 LINER-LT3905 Datasheet
179Kb / 6P
Boost DC/DC Converter with APD Current Monitor
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com