Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95160-WDW3TG/G Datasheet (PDF) - STMicroelectronics

M95160-WDW3TG/G Datasheet PDF - STMicroelectronics
Part # M95160-WDW3TG/G
Download  M95160-WDW3TG/G Download
File Size   436.68 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock

M95160-WDW3TG/G Datasheet (PDF)

Go To PDF Page Download Datasheet
M95160-WDW3TG/G Datasheet PDF - STMicroelectronics

Part # M95160-WDW3TG/G
Download  M95160-WDW3TG/G Click to download

File Size   436.68 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock

M95160-WDW3TG/G Datasheet (HTML) - STMicroelectronics


M95160-WDW3TG/G Product details

Description
The M95160-x and M95080-x are electrically erasable programmable memory (EEPROM) devices. They are accessed by a high-speed SPI-compatible bus. The memory array is organized as 2048 x 8 bit (M95160-x), and 1024 x 8 bit (M95080-x).

Features
■ Compatible with SPI bus serial interface
   (positive clock SPI modes)
■ Single supply voltage:
   – 4.5 V to 5.5 V for M95xxx
   – 2.5 V to 5.5 V for M95xxx-W
   – 1.8 V to 5.5 V for M95xxx-R
   – 1.7 V to 5.5 V for M95xxx-F
■ High speed: 10 MHz
■ Status Register
■ Hardware protection of the Status Register
■ Byte and page write (up to 32 bytes)
■ Self-timed programming cycle
■ Adjustable size read-only EEPROM area
■ Enhanced ESD protection
■ More than 1 million write cycles
■ More than 40-year data retention
■ Packages
   – ECOPACK® (RoHS compliant)




Similar Part No. - M95160-WDW3TG/G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95160-WDW3T STMICROELECTRONICS-M95160-WDW3T Datasheet
648Kb / 40P
16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock
07-Oct-2004
More results


Similar Description - M95160-WDW3TG/G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95040 STMICROELECTRONICS-M95040_06 Datasheet
335Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
06-Nov-2006
M95160 STMICROELECTRONICS-M95160 Datasheet
405Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
24-May-2007
M95040 STMICROELECTRONICS-M95040_08 Datasheet
373Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
20-Mar-2008
M95160 STMICROELECTRONICS-M95160_08 Datasheet
394Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
06-Mar-2008
M95160 STMICROELECTRONICS-M95160_12 Datasheet
381Kb / 45P
16-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2012
M95160 STMICROELECTRONICS-M95160_13 Datasheet
633Kb / 46P
16-Kbit serial SPI bus EEPROM with high-speed clock
08-Jan-2013
M95080-WMN6TP STMICROELECTRONICS-M95080-WMN6TP Datasheet
350Kb / 42P
8-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2012
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
16-Sep-2013
M95160-WDW6TP STMICROELECTRONICS-M95160-WDW6TP Datasheet
739Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
11-Mar-2014
M95080-WMN6P STMICROELECTRONICS-M95080-WMN6P Datasheet
781Kb / 4P
8-Kbit serial SPI bus EEPROM with high-speed clock
22-Sep-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com