Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3108EWA+ Datasheet (PDF) - Maxim Integrated Products

MAX3108EWA+ Datasheet PDF - Maxim Integrated Products
Part # MAX3108EWA+
Download  MAX3108EWA+ Download
File Size   2792.76 Kbytes
Page   56 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SPI/I2C UART with 128-Word FIFOs in WLP

MAX3108EWA+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3108EWA+ Datasheet PDF - Maxim Integrated Products

Part # MAX3108EWA+
Download  MAX3108EWA+ Click to download

File Size   2792.76 Kbytes
Page   56 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SPI/I2C UART with 128-Word FIFOs in WLP

MAX3108EWA+ Datasheet (HTML) - Maxim Integrated Products


MAX3108EWA+ Product details

General Description
The MAX3108 small form factor universal asynchronous receiver-transmitter (UART) with 128 words each of receive and transmit FIFOs is controlled through a serial I2C or SPI controller interface. Auto-sleep and shutdown modes help reduce power consumption during periods of inactivity. A low 500FA (max) supply current and tiny 25-bump WLP (2.1mm x 2.1mm) package make the MAX3108 ideal for low-power portable devices. The MAX3108 operates from a supply voltage of 1.71V to 3.6V.

Features
♦ 24Mbps (max) Baud Rate
♦ Integrated PLL and Divider
♦ 1.71V to 3.6V Supply Range
♦ High-Resolution Programmable Baud Rate
♦ SPI Up to 26MHz Clock Rate
♦ Fast Mode Plus I2C Up to 1MHz
♦ Automatic RTS and CTS Hardware Flow Control
♦ Automatic XON/XOFF Software Flow Control
♦ Special Character Detection
♦ 9-Bit Multidrop Mode Data Filtering
♦ SIR- and MIR-Compliant IrDASM Encoder/Decoder
♦ Flexible Logic Levels on the Controller and Transceiver Interfaces
♦ Four Flexible GPIOs
♦ Line Noise Indication
♦ Shutdown and Auto-Sleep Modes
♦ Low 35μA (max) VCC Shutdown Current
♦ Register Compatible with the MAX3107
♦ Tiny 25-Bump WLP Package (2.1mm x 2.1mm)

Applications
    Portable Communication Devices
    Mobile Internet Devices
    Low-Power Handheld Devices
    Medical Systems
    Point-of-Sale Systems




Similar Part No. - MAX3108EWA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3108EWA+T MAXIM-MAX3108EWA+T Datasheet
2Mb / 56P
SPI/I2C UART with 128-Word FIFOs in WLP
19-5723; Rev 2; 1/13
More results


Similar Description - MAX3108EWA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3107 MAXIM-MAX3107 Datasheet
2Mb / 51P
SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
Rev 0; 10/09
MAX3107 MAXIM-MAX3107_10 Datasheet
2Mb / 52P
SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
Rev 2; 4/10
MAX3107 MAXIM-MAX3107_11 Datasheet
2Mb / 52P
SPI/I2C UART with 128-Word FIFOs
Rev 3; 8/11
MAX3107 MAXIM-MAX3107_15 Datasheet
1Mb / 52P
SPI/I2C UART with 128-Word FIFOs
Rev 7; 5/15
MAX3109 MAXIM-MAX3109_15 Datasheet
1Mb / 66P
Dual Serial UART with 128-Word FIFOs
Rev 3; 2/15
MAX14830 MAXIM-MAX14830_15 Datasheet
2Mb / 68P
Quad Serial UART with 128-Word FIFOs
Rev 5; 2/15
MAX3109 MAXIM-MAX3109_V01 Datasheet
2Mb / 66P
Dual Serial UART with 128-Word FIFOs
19-5806; Rev 6; 8/20
MAX3108A MAXIM-MAX3108A Datasheet
1Mb / 56P
SPI/I2C UART with 128-Word FIFOs in WLP
19-6449; Rev 1; 2/15
MAX3108 MAXIM-MAX3108_V01 Datasheet
2Mb / 56P
SPI/I2C UART with 128-Word FIFOs in WLP
19-5723; Rev 2; 1/13
MAX14830 MAXIM-MAX14830_V01 Datasheet
1Mb / 68P
Quad Serial UART with 128-Word FIFOs
19-5547; Rev 7; 2/16
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com