Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17500AAUB+ Datasheet (PDF) - Maxim Integrated Products

MAX17500AAUB+ Datasheet PDF - Maxim Integrated Products
Part # MAX17500AAUB+
Download  MAX17500AAUB+ Download
File Size   252.75 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Current-Mode PWM Controllers with Programmable Switching Frequency

MAX17500AAUB+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17500AAUB+ Datasheet PDF - Maxim Integrated Products

Part # MAX17500AAUB+
Download  MAX17500AAUB+ Click to download

File Size   252.75 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Current-Mode PWM Controllers with Programmable Switching Frequency

MAX17500AAUB+ Datasheet (HTML) - Maxim Integrated Products


MAX17500AAUB+ Product details

General Description
The MAX17499/MAX17500 current-mode PWM controllers contain all the control circuitry required for the design of wide-input-voltage isolated and nonisolated power supplies. The MAX17499 is  well suited for low input voltage (9.5V DC to 24V DC) power supplies. The MAX17500 is well suited for universal input (rectified 85V AC to 265V AC) or telecom (-36V DC to -72V DC) power supplies.

Features
♦ Current-Mode Control
♦ Programmable Switching Frequency Up to 625kHz
♦ Accurate UVLO Threshold (1%)
♦ Open-Drain UVLO Flag Output with Internal Delay
♦ 36V to 72V Telecom Voltage Range
♦ Universal Offline Input Voltage Range Rectified 85V AC to 265V AC (MAX17500)
♦ 9.5V to 24V Input (MAX17499)
♦ Digital Soft-Start
♦ Internal Bootstrap UVLO with Large Hysteresis (MAX17500)
♦ Internal Error Amplifier with 1.5% Accurate Reference
♦ 50µA (typ) Startup Supply Current
♦ 50% Maximum Duty-Cycle Limit (MAX17499A/MAX17500A)
♦ 75% Maximum Duty-Cycle Limit (MAX17499B/MAX17500B)
♦ 60ns Cycle-by-Cycle Current-Limit Propagation Delay
♦ Available in Tiny 10-Pin µMAX Packages

Applications
    1/2, 1/4, and 1/8 Brick Power Modules
    High-Efficiency, Isolated Telecom Power Supplies
    Networking/Servers
    Isolated Keep-Alive Power Supplies
    12V Boost and SEPIC Regulators
    Isolated and Nonisolated High-Brightness LED Power Supplies
    Industrial Power Conversion




Similar Part No. - MAX17500AAUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17500A MAXIM-MAX17500A Datasheet
1Mb / 9P
36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
MAX17500AEVKIT MAXIM-MAX17500AEVKIT Datasheet
1Mb / 9P
36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
More results


Similar Description - MAX17500AAUB+

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
BiCMOS Current-Mode PWM Controllers
logo
Maxim Integrated Produc...
MAX15000 MAXIM-MAX15000 Datasheet
616Kb / 18P
Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 0; 1/06
logo
Texas Instruments
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
BiCMOS Current-Mode PWM Controllers
09/14/21
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com