Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2209AEBS+ Datasheet (PDF) - Maxim Integrated Products

MAX2209AEBS+ Datasheet PDF - Maxim Integrated Products
Part # MAX2209AEBS+
Download  MAX2209AEBS+ Download
File Size   1213.18 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RF Power Detector with Shutdown Control

MAX2209AEBS+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2209AEBS+ Datasheet PDF - Maxim Integrated Products

Part # MAX2209AEBS+
Download  MAX2209AEBS+ Click to download

File Size   1213.18 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RF Power Detector with Shutdown Control

MAX2209AEBS+ Datasheet (HTML) - Maxim Integrated Products


MAX2209AEBS+ Product details

General Description
The MAX2209A is a wideband (800MHz to 2GHz) RF power detector. It takes an RF signal from the directional coupler at the input, and outputs a DC voltage proportional to the RF peak voltage. The change in output voltage versus temperature is very repeatable from part to part and enables a lookup table based on nominal behavior, minimizing the effective detection error to less than Q0.5dB relative to room temperature.
The MAX2209A comes in a space-saving 2 x 2, 0.5mm pitch UCSP™.

Features
♦ -25dBm to -5dBm Power Detection Range
♦ ±0.5dB Detection Error Due to Temperature
♦ +2.7V to +5V Single-Supply Operation
♦ Space-Saving 4-Bump, 1mm2 UCSP Package
♦ Shutdown Control
♦ 140ns Step-Response Time

Applications
   Dual-Band WCDMA Handsets
   High-Speed Downlink Packet Access (HSDPA)
   High-Speed Uplink Packet Access (HSUPA)




Similar Part No. - MAX2209AEBS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2209 MAXIM-MAX2209 Datasheet
1Mb / 5P
RF Power Detector
Rev 0; 10/09
MAX2209EBS+ MAXIM-MAX2209EBS+ Datasheet
1Mb / 5P
RF Power Detector
Rev 0; 10/09
MAX2209EVKIT MAXIM-MAX2209EVKIT Datasheet
537Kb / 3P
MAX2209 Evaluation Kit
Rev 0; 10/09
MAX2209EVKIT+ MAXIM-MAX2209EVKIT+ Datasheet
537Kb / 3P
MAX2209 Evaluation Kit
Rev 0; 10/09
More results


Similar Description - MAX2209AEBS+

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPAC01F1 STMICROELECTRONICS-STPAC01F1 Datasheet
87Kb / 6P
RF DETECTOR FOR POWER AMPLIFIER CONTROL
Jan-2003
STPAC02F1 STMICROELECTRONICS-STPAC02F1 Datasheet
50Kb / 5P
RF DETECTOR FOR POWER AMPLIFIER CONTROL WITH INTERNAL TEMPERATURE COMPENSATION IPADTM
Oct-2003
STPAC01F2 STMICROELECTRONICS-STPAC01F2 Datasheet
66Kb / 7P
RF DETECTOR FOR POWER AMPLIFIER CONTROL
21-Oct-2004
STPAC01F2 STMICROELECTRONICS-STPAC01F2_08 Datasheet
96Kb / 7P
IPAD TM, RF detector for power amplifier control
29-Apr-2008
logo
Linear Technology
LTC5530 LINER-LTC5530 Datasheet
311Kb / 12P
Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5531 LINER-LTC5531 Datasheet
221Kb / 12P
Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
logo
Maxim Integrated Produc...
MAX2209 MAXIM-MAX2209 Datasheet
1Mb / 5P
RF Power Detector
Rev 0; 10/09
logo
AVAGO TECHNOLOGIES LIMI...
ADET-5000 AVAGO-ADET-5000 Datasheet
257Kb / 6P
RF Power Detector
logo
Linear Technology
LTC5530 LINER-LTC5530_15 Datasheet
317Kb / 12P
Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5531 LINER-LTC5531_15 Datasheet
226Kb / 12P
Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com