Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5216EVKIT+ Datasheet (PDF) - Maxim Integrated Products

MAX5216EVKIT+ Datasheet PDF - Maxim Integrated Products
Part # MAX5216EVKIT+
Download  MAX5216EVKIT+ Download
File Size   1545.26 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description MAX5216 Evaluation Kit

MAX5216EVKIT+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5216EVKIT+ Datasheet PDF - Maxim Integrated Products

Part # MAX5216EVKIT+
Download  MAX5216EVKIT+ Click to download

File Size   1545.26 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description MAX5216 Evaluation Kit

MAX5216EVKIT+ Datasheet (HTML) - Maxim Integrated Products


MAX5216EVKIT+ Product details

General Description

The  MAX5214/MAX5216  are  pin-compatible,  14-bit and  16-bit  digital-to-analog  converters  (DACs).  The MAX5214/MAX5216 are single-channel, low-power, buffered voltage-output DACs. The devices use a precision external reference applied through the high resistance input  for  rail-to-rail  operation  and  low  system  power consumption.  The  MAX5214/MAX5216  accept  a  wide 2.7V  to  5.25V  supply  voltage  range.  Power  consumption  is  extremely  low  to  accommodate  most  low-power and  low-voltage  applications.



Features

Low-Power Consumption (80µA max)

14-/16-Bit Resolution in a 3mm x 3mm, 8-Pin µMAX Package

Relative Accuracy

  ±0.25 LSB INL (MAX5214, 14-Bit)

  ±1.0 LSB INL (MAX5216, 16-Bit)

Guaranteed Monotonic Over All Operating Ranges

Low Gain and Offset Error

Wide 2.7V to 5.25V Supply Range

Rail-to-Rail Buffered Output Operation

Safe Power-On Reset (POR) to Zero DAC Output

Fast 50MHz, 3-Wire, SPI/QSPI/MICROWIRE Compatible Serial Interface

Schmitt-Trigger Inputs for Direct Optocoupler Interface

Asynchronous CLRClears DAC Output to Code 0

High Reference Input Resistance for Power Reduction

Buffered Voltage Output Directly Drives 10kΩ Loads



Applications

2-Wire Sensors

Communication Systems

Automatic Tuning

Gain and Offset Adjustment

Power Amplifier Control

Process Control and Servo Loops

Portable Instrumentation

Programmable Voltage and Current Sources

Automatic Test Equipment




Similar Part No. - MAX5216EVKIT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5216EVKIT MAXIM-MAX5216EVKIT Datasheet
1Mb / 12P
MAX5216 Evaluation Kit
Rev 0; 6/11
MAX5216EVKIT MAXIM-MAX5216EVKIT_V01 Datasheet
1Mb / 11P
USB Powered, No Additional Supply Needed* (Cable Not Included)
2012
More results


Similar Description - MAX5216EVKIT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
logo
Maxim Integrated Produc...
MAX5216EVKIT MAXIM-MAX5216EVKIT Datasheet
1Mb / 12P
MAX5216 Evaluation Kit
Rev 0; 6/11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com