Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA555 Datasheet (PDF) - Fairchild Semiconductor

KA555 Datasheet PDF - Fairchild Semiconductor
Part # KA555
Download  KA555 Download
File Size   148.5 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single Timer

KA555 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA555 Datasheet PDF - Fairchild Semiconductor

Part # KA555
Download  KA555 Click to download

File Size   148.5 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single Timer

KA555 Datasheet (HTML) - Fairchild Semiconductor


KA555 Product details

Description
The KA555 is a highly stable controller capable of producing accurate timing pulses. With a monostable operation, the time delay is controlled by one external resistor and one capacitor. With an astable operation, the frequency and duty cycle are accurately controlled by two external resistors and one capacitor.

Features
• High Current Drive Capability (200mA)
• Adjustable Duty Cycle
• Temperature Stability of 0.005%/°C
• Timing From µsec to Hours
• Turn Off Time Less Than 2µsec

Applications
• Precision Timing
• Pulse Generation
• Time Delay Generation
• Sequential Timing




Similar Part No. - KA555

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA555 FAIRCHILD-KA555 Datasheet
156Kb / 14P
Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
Single Timer
More results


Similar Description - KA555

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
SINGLE TIMER
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
Single Timer
logo
Fairchild Semiconductor
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
Single Timer
logo
Unisonic Technologies
C555 UTC-C555 Datasheet
167Kb / 4P
SINGLE TIMER
logo
Fairchild Semiconductor
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
Single Timer
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
SINGLE TIMER
C555 UTC-C555_18 Datasheet
208Kb / 4P
SINGLE TIMER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com