Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAR1212DC Datasheet (PDF) - Lineage Power Corporation

CAR1212DC Datasheet PDF - Lineage Power Corporation
Part # CAR1212DC_14
Download  CAR1212DC Download
File Size   657.05 Kbytes
Page   16 Pages
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation
Description -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A

CAR1212DC Datasheet (PDF)

Go To PDF Page Download Datasheet
CAR1212DC Datasheet PDF - Lineage Power Corporation

Part # CAR1212DC_14
Download  CAR1212DC Click to download

File Size   657.05 Kbytes
Page   16 Pages
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation
Description -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A

CAR1212DC Datasheet (HTML) - Lineage Power Corporation




Similar Part No. - CAR1212DC_14

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR1212DC5-1A LINEAGEPOWER-CAR1212DC5-1A Datasheet
895Kb / 2P
1200 Watt, 12V DC Input Front End
CAR1212DC5Y0-1A LINEAGEPOWER-CAR1212DC5Y0-1A Datasheet
895Kb / 2P
1200 Watt, 12V DC Input Front End
CAR1212DC5Z0-1A LINEAGEPOWER-CAR1212DC5Z0-1A Datasheet
895Kb / 2P
1200 Watt, 12V DC Input Front End
More results


Similar Description - CAR1212DC_14

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
36-75Vdc Input; 1.2Vdc to 12Vdc Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Lineage Power Corporati...
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
-36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
36-75Vdc Input; 3.3Vdc, 15A Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
36-75Vdc Input; 3.3Vdc, 5A, 15W Output
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results



Link URL



Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com