Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130149-0074 Datasheet (PDF) - Molex Electronics Ltd.

130149-0074 Datasheet PDF - Molex Electronics Ltd.
Part # 130149-0074
Download  130149-0074 Download
File Size   48.43 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Safeway Single Receptacle with Locking Blade, 3 Pole/4 Wire

130149-0074 Datasheet (PDF)

Go To PDF Page Download Datasheet
130149-0074 Datasheet PDF - Molex Electronics Ltd.

Part # 130149-0074
Download  130149-0074 Click to download

File Size   48.43 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Safeway Single Receptacle with Locking Blade, 3 Pole/4 Wire

130149-0074 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 130149-0074

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130149-0070 MOLEX11-130149-0070 Datasheet
42Kb / 1P
Safeway Single Receptacle, Heavy Duty Spec Grade, 2 Pole/3 Wire
130149-0071 MOLEX11-130149-0071 Datasheet
48Kb / 1P
Safeway Single Receptacle with Locking Blade, 3 Pole/4 Wire, NEMA L14-20, 250V
130149-0072 MOLEX11-130149-0072 Datasheet
48Kb / 1P
Safeway Single Receptacle with Locking Blade, 3 Pole/4 Wire
130149-0075 MOLEX11-130149-0075 Datasheet
48Kb / 1P
Safeway Single Corrosion-Resistant Receptacle with Locking Blade
130149-0077 MOLEX11-130149-0077 Datasheet
40Kb / 1P
Safeway Single Corrosion Resistant Receptacle with Locking Blade
More results


Similar Description - 130149-0074

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130149-0085 MOLEX11-130149-0085 Datasheet
48Kb / 1P
Safeway Single Receptacle with Locking Blade, 3 Pole/4 Wire
130149-0072 MOLEX11-130149-0072 Datasheet
48Kb / 1P
Safeway Single Receptacle with Locking Blade, 3 Pole/4 Wire
130149-0059 MOLEX11-130149-0059 Datasheet
41Kb / 1P
Safeway Flanged Receptacle with Locking Blade, 3 Pole/4 Wire
130149-0061 MOLEX11-130149-0061 Datasheet
41Kb / 1P
Safeway Flanged Receptacle with Locking Blade, 3 Pole/4 Wire
130149-0082 MOLEX11-130149-0082 Datasheet
48Kb / 1P
Safeway Single Corrosion Resistant Receptacle with Locking Blade, 3 Pole/4 Wire,
130149-0086 MOLEX11-130149-0086 Datasheet
48Kb / 1P
Safeway Single Corrosion Resistant Receptacle with Locking Blade 3 Pole/4 Wire,
1301490084 MOLEX11-1301490084 Datasheet
40Kb / 1P
Safeway Single Corrosion Resistant Receptacle with Locking Blade, 3 Pole/4 Wire
130155-0158 MOLEX11-130155-0158 Datasheet
43Kb / 1P
Safeway Single Receptacle with California Style Locking Blade, 3 Pole/4 Wire
1301490086 MOLEX11-1301490086 Datasheet
41Kb / 1P
Safeway Single Corrosion Resistant Receptacle with Locking Blade, 3 Pole/4 Wire,
130149-0084 MOLEX11-130149-0084 Datasheet
48Kb / 1P
Safeway Single Corrosion Resistant Receptacle with Locking Blade, 3 Pole/4 Wire,
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com