Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18LF242-I/SO Datasheet (PDF) - Microchip Technology

PIC18LF242-I/SO Datasheet PDF - Microchip Technology
Part # PIC18LF242-I/SO
Download  PIC18LF242-I/SO Download
File Size   5880.26 Kbytes
Page   332 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D

PIC18LF242-I/SO Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18LF242-I/SO Datasheet PDF - Microchip Technology

Part # PIC18LF242-I/SO
Download  PIC18LF242-I/SO Click to download

File Size   5880.26 Kbytes
Page   332 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D

PIC18LF242-I/SO Datasheet (HTML) - Microchip Technology


PIC18LF242-I/SO Product details

DEVICE OVERVIEW

This document contains device specific information for the following devices:



• PIC18F242 • PIC18F442

• PIC18F252 • PIC18F452



These devices come in 28-pin and 40/44-pin packages. The 28-pin devices do not have a Parallel Slave Port (PSP) implemented and the number of Analog-to Digital (A/D) converter input channels is reduced to 5. An overview of features is shown in Table 1-1.



High Performance RISC CPU:

• C compiler optimized architecture/instruction set

  - Source code compatible with the PIC16 and PIC17 instruction sets

• Linear program memory addressing to 32 Kbytes

• Linear data memory addressing to 1.5 Kbytes

• Up to 10 MIPs operation:

- DC - 40 MHz osc./clock input

- 4 MHz - 10 MHz osc./clock input with PLL active

• 16-bit wide instructions, 8-bit wide data path

• Priority levels for interrupts

• 8 x 8 Single Cycle Hardware Multiplier



Peripheral Features:

• High current sink/source 25 mA/25 mA

• Three external interrupt pins

• Timer0 module: 8-bit/16-bit timer/counter with 8-bit programmable prescaler

• Timer1 module: 16-bit timer/counter

• Timer2 module: 8-bit timer/counter with 8-bit period register (time-base for PWM)

• Timer3 module: 16-bit timer/counter

• Secondary oscillator clock option - Timer1/Timer3

• Two Capture/Compare/PWM (CCP) modules.

  CCP pins that can be configured as:

  - Capture input: capture is 16-bit, max. resolution 6.25 ns (TCY/16)

  - Compare is 16-bit, max. resolution 100 ns (TCY)

  - PWM output: PWM resolution is 1- to 10-bit, max. PWM freq. @: 8-bit resolution = 156 kHz

                                                               10-bit resolution = 39 kHz

• Master Synchronous Serial Port (MSSP) module, Two modes of operation:

  - 3-wire SPI™ (supports all 4 SPI modes)

  - I2C™ Master and Slave mode

• Addressable USART module:

  - Supports RS-485 and RS-232

• Parallel Slave Port (PSP) module



Analog Features:

• Compatible 10-bit Analog-to-Digital Converter module (A/D) with:

  - Fast sampling rate

  - Conversion available during SLEEP

  - Linearity ≤ 1 LSb

• Programmable Low Voltage Detection (PLVD)

  - Supports interrupt on-Low Voltage Detection

• Programmable Brown-out Reset (BOR)



Special Microcontroller Features:

• 100,000 erase/write cycle Enhanced FLASH program memory typical

• 1,000,000 erase/write cycle Data EEPROM memory

• FLASH/Data EEPROM Retention: > 40 years

• Self-reprogrammable under software control

• Power-on Reset (POR), Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)

• Watchdog Timer (WDT) with its own On-Chip RC Oscillator for reliable operation

• Programmable code protection

• Power saving SLEEP mode

• Selectable oscillator options including:

- 4X Phase Lock Loop (of primary oscillator)

- Secondary Oscillator (32 kHz) clock input

• Single supply 5V In-Circuit Serial Programming™ (ICSP™) via two pins

• In-Circuit Debug (ICD) via two pins



CMOS Technology:

• Low power, high speed FLASH/EEPROM technology

• Fully static design

• Wide operating voltage range (2.0V to 5.5V)

• Industrial and Extended temperature ranges

• Low power consumption:

  - < 1.6 mA typical @ 5V, 4 MHz

  - 25 µA typical @ 3V, 32 kHz

  - < 0.2 µA typical standby current



 




Similar Part No. - PIC18LF242-I/SO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF2420E/ML MICROCHIP-PIC18LF2420E/ML Datasheet
6Mb / 390P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18LF2420E/MLQTP MICROCHIP-PIC18LF2420E/MLQTP Datasheet
6Mb / 390P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18LF2420E/MLSTQP MICROCHIP-PIC18LF2420E/MLSTQP Datasheet
6Mb / 390P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18LF2420E/P MICROCHIP-PIC18LF2420E/P Datasheet
6Mb / 390P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18LF2420E/PQTP MICROCHIP-PIC18LF2420E/PQTP Datasheet
6Mb / 390P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
More results


Similar Description - PIC18LF242-I/SO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18CXX2 MICROCHIP-PIC18CXX2 Datasheet
5Mb / 296P
High-Performance Microcontrollers with 10-Bit A/D
1999
PIC18CXX2 MICROCHIP-PIC18CXX2_01 Datasheet
4Mb / 305P
High Performance Microcontrollers with 10-bit A/D
2001
PIC18FXX2 MICROCHIP-PIC18FXX2_06 Datasheet
5Mb / 332P
28/40-pin High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
2006
PIC18CXX2 MICROCHIP-PIC18CXX2_13 Datasheet
4Mb / 304P
High Performance Microcontrollers with 10-bit A/D
11/29/12 1999-2013
PIC18F452-IPT MICROCHIP-PIC18F452-IPT Datasheet
5Mb / 332P
High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18C242-I-SP MICROCHIP-PIC18C242-I-SP Datasheet
4Mb / 304P
High Performance Microcontrollers with 10-bit A/D
11/29/12
PIC18F242-I-SO MICROCHIP-PIC18F242-I-SO Datasheet
5Mb / 332P
High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F442-I MICROCHIP-PIC18F442-I Datasheet
5Mb / 332P
High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18LF252-I MICROCHIP-PIC18LF252-I Datasheet
5Mb / 332P
High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18LF252-ISP MICROCHIP-PIC18LF252-ISP Datasheet
5Mb / 332P
High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com