Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-C0675WPNB Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTPL-C0675WPNB
Description  SMD LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C0675WPNB Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTPL-C0675WPNB Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C0675WPNB Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1/15
Part No. : LTPL-C0675WPNB
BNS-OD-FC002/A4
SMD LED
LTPL-C0675WPNB
1. Description
LITEON FLASH is a compact power LED light source specifically designed to provide greater amounts of light where needed,
enabling higher resolution pictures to be taken in lower level ambient light environments at greater distances..
1 .1 Features
Highest brightness SMD Flash LED
Instant Turn On. Very small emitter size
RoHS Compliant
1.2 Applications
Camera phones
Handhelds
Digital still cameras
2. Package Dimensions
Part No.
Lens Color
Emitted Color
LTPL-C0675WPNB
Yellow/White
InGaN White
Notes :
1.
All dimensions are in millimeters and dimension tolerances are ±0.1mm.
2.
Dimensions without tolerances are for reference only.


Similar Part No. - LTPL-C0675WPNB

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-C0675WPRB LITEON-LTPL-C0675WPRB Datasheet
466Kb / 15P
SMD LED
LTPL-C0675WPYB LITEON-LTPL-C0675WPYB Datasheet
465Kb / 15P
SMD LED
More results

Similar Description - LTPL-C0675WPNB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com