Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTSA-T680UBWT Datasheet(PDF) 12 Page - Lite-On Technology Corporation

Part # LTSA-T680UBWT
Description  SMD LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTSA-T680UBWT Datasheet(HTML) 12 Page - Lite-On Technology Corporation

Back Button LTSA-T680UBWT Datasheet HTML 5Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 6Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 7Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 8Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 9Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 10Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 11Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 12Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 13Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12/13
Part No. : LTSA-T680UBWT
BNS-OD-FC002/A4
SMD LED
LTSA-T680UBWT
8. Reliability Test
No.
Test item
Test condition
Sample size
Reference standard
1
Pre-conditioning
MSL 3
125℃, 24 hrs baking
Moisture Soak 60℃/60% 52 hrs
Interval: 15mins ~ 4 hours to do
IR-Reflow
150
JESD22 A-113
2
High Temperature
Operating Life
I
IF=30mA, Ta=55℃, 1000 hrs
30
JESD22 A-108
3
High Temperature
Operating Life II
Ta=100℃., IF=2mA, 1000 hrs
30
JESD22 A-108
4
High Temperature
High Humidity Bias
(HTHHB)
Ta=60℃, Rh=90%, IF=27mA,
1000 hrs
30
JESD22
A-101
5
Temperature Cycle I
-40℃
± 5℃~ 100℃± 5℃
30min
30min
Transfer time <= 1min,
500cycles
30
JESD22
A-104
6
Temperature Cycle II
-40℃~ 25℃~ 100℃~ 25℃
30min 5min
30min 5min
500cycles
30
JESD22
A-104
7
Resistance to soldering
heat
Tsld = 260°C, 10sec.
3 times
30
JESD22
A-111
8
Solderability
Tsld=245± 5℃, 5 secs
11
J-STD-002
JESD22B102


Similar Part No. - LTSA-T680UBWT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTSA-T680UBWT-WT LITEON-LTSA-T680UBWT-WT Datasheet
645Kb / 12P
SMD LED
More results

Similar Description - LTSA-T680UBWT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com