Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTSA-T680UBWT Datasheet(PDF) 13 Page - Lite-On Technology Corporation

Part # LTSA-T680UBWT
Description  SMD LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTSA-T680UBWT Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button LTSA-T680UBWT Datasheet HTML 5Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 6Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 7Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 8Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 9Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 10Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 11Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 12Page - Lite-On Technology Corporation LTSA-T680UBWT Datasheet HTML 13Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13/13
Part No. : LTSA-T680UBWT
BNS-OD-FC002/A4
SMD LED
LTSA-T680UBWT
9. Others
The appearance and specifications of the product may be modified for improvement without prior notice.
10. Suggested Checking List
Training and Certification
1.
Everyone working in a static-safe area is ESD-certified?
2.
Training records kept and re-certification dates monitored?
Static-Safe Workstation & Work Areas
1.
Static-safe workstation or work-areas have ESD signs?
2.
All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V?
3.
All ionizer activated, positioned towards the units?
4.
Each work surface mats grounding is good?
Personnel Grounding
1.
Every person (including visitors) handling ESD sensitive (ESDS) items wears wrist strap, heel strap or conductive shoes with
conductive flooring?
2.
If conductive footwear used, conductive flooring also present where operator stand or walk?
3.
Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*?
4.
Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs?
5.
All wrist strap or heel strap checkers calibration up to date?
Note: *50V for InGaN LED.
Device Handling
1.
Every ESDS items identified by EIA-471 labels on item or packaging?
2.
All ESDS items completely inside properly closed static-shielding containers when not at static-safe workstation?
3.
No static charge generators (e.g. plastics) inside shielding containers with ESDS items?
4.
All flexible conductive and dissipative package materials inspected before reuse or recycles?
Others
1.
Audit result reported to entity ESD control coordinator?
2.
Corrective action from previous audits completed?
3.
Are audit records complete and on file?


Similar Part No. - LTSA-T680UBWT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTSA-T680UBWT-WT LITEON-LTSA-T680UBWT-WT Datasheet
645Kb / 12P
SMD LED
More results

Similar Description - LTSA-T680UBWT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com