Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F585ASH Datasheet(PDF) 119 Page - Cypress Semiconductor

Part # MB91F585ASH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585ASH Datasheet(HTML) 119 Page - Cypress Semiconductor

Back Button MB91F585ASH Datasheet HTML 115Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 116Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 117Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 118Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 119Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 120Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 121Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 122Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 123Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 118 of 175
MB91580M/S Series
Interrupt factor
Interrupt number
Inter
rupt
level
Offset
TBR default
address
RN
*1
Interrupt
request
batch read
target
Decimal
Hexa
decimal
CAN 0
29
1D
ICR1
3
388H
000FFF88H
-
-
CAN 1
30
1E
ICR1
4
384H
000FFF84H
-
-
FlexRay 0
*5
31
1F
ICR1
5
380H
000FFF80H
-
-
FlexRay 1
*5
32
20
ICR1
6
37CH
000FFF7CH
-
-
FlexRay timer 0
*5
33
21
ICR1
7
378H
000FFF78H
-
-
FlexRay timer 1
*5
34
22
ICR1
8
374H
000FFF74H
-
-
RAM diagnosis completed
RAM initialization completed
Error generation at RAM diagnosis
Backup RAM diagnosis completed
Backup RAM initialization completed
Error generation at Backup RAM diagnosis
35
23
ICR1
9
370H
000FFF70H
-
Main timer/PLL timer/
PLL gear for FlexRay
*5/
PLL alarm for FlexRay
*5
36
24
ICR2
0
36CH
000FFF6CH
20
*3
Clock calibration unit
(CR oscillation)
37
25
ICR2
1
368H
000FFF68H
-
-
U/D counter 0 / 1
38
26
ICR2
2
364H
000FFF64H
22
Free-run timer 0 (0 detection) /
(compare clear)
39
27
ICR2
3
360H
000FFF60H
23
Free-run timer 1 (0 detection) /
(compare clear)
40
28
ICR2
4
35CH
000FFF5CH
24
Free-run timer 2 (0 detection) /
(compare clear)
PPG 0 / 1 / 2 / 3
41
29
ICR2
5
358H
000FFF58H
25
Free-run timer 3 (0 detection) /
(compare clear)
42
2A
ICR2
6
354H
000FFF54H
26
Free-run timer 4 (0 detection) /
(compare clear)
43
2B
ICR2
7
350H
000FFF50H
27
Free-run timer 5 (0 detection) /
(compare clear)
PPG 4 / 5
44
2C
ICR2
8
34CH
000FFF4CH
28
ICU 0 (fetching) / ICU 1 (fetching)
45
2D
ICR2
9
348H
000FFF48H
29
ICU 2 (fetching) / ICU 3 (fetching)
46
2E
ICR3
0
344H
000FFF44H
30
*4
47
2F
ICR3
1
340H
000FFF40H
-
-
*4
48
30
ICR3
2
33CH
000FFF3CH
-
-
OCU 0 (match) / OCU 1 (match)
49
31
ICR3
3
338H
000FFF38H
33
OCU 2 (match) / OCU 3 (match)
50
32
ICR3
4
334H
000FFF34H
34
OCU 4 (match) / OCU 5 (match)
51
33
ICR3
5
330H
000FFF30H
35
OCU 6 (match) / OCU 7 (match)
52
34
ICR3
6
32CH
000FFF2CH
36
OCU 8 (match) / OCU 9 (match)
53
35
ICR3
7
328H
000FFF28H
37
OCU 10 (match) / OCU 11 (match)
54
36
ICR3
8
324H
000FFF24H
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com