Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F585ASK Datasheet(PDF) 125 Page - Cypress Semiconductor

Part # MB91F585ASK
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585ASK Datasheet(HTML) 125 Page - Cypress Semiconductor

Back Button MB91F585ASK Datasheet HTML 121Page - Cypress Semiconductor MB91F585ASK Datasheet HTML 122Page - Cypress Semiconductor MB91F585ASK Datasheet HTML 123Page - Cypress Semiconductor MB91F585ASK Datasheet HTML 124Page - Cypress Semiconductor MB91F585ASK Datasheet HTML 125Page - Cypress Semiconductor MB91F585ASK Datasheet HTML 126Page - Cypress Semiconductor MB91F585ASK Datasheet HTML 127Page - Cypress Semiconductor MB91F585ASK Datasheet HTML 128Page - Cypress Semiconductor MB91F585ASK Datasheet HTML 129Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 124 of 175
MB91580M/S Series
11. Electrical Characteristics
11.1 Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage
*1, *2
VCC
VSS-0.3
VSS+6.0
V
Analog power supply voltage
*1 ,*2
AVCC
VSS-0.3
VSS+6.0
V
Avcc
≤ Vcc
Analog reference voltage
*1
AVRH
VSS-0.3
VSS+6.0
V
AVRH
≤ AV
CC
Input voltage
*1
VI
VSS-0.3
VCC+0.3
V
Analog pin input voltage
*1
VIA
VSS-0.3
VCC+0.3
V
Output voltage
*1
VO
VSS-0.3
VCC+0.3
V
Maximum clamp current
ICLAMP
-
4
mA
*9
Total maximum clamp current
Σ|I
CLAMP |
-
20
mA
*9
"L" level maximum output current
*3
IOL1
-
7
mA
When setting to 2mA
*6
IOL2
-
14
mA
When setting to 4mA
*7
IOL3
-
17.5
mA
When setting to 5mA
*8
"L" level average output current
*4
IOLAV1
-
2
mA
When setting to 2mA
*6
IOLAV2
-
4
mA
When setting to 4mA
*7
IOLAV3
-
5
mA
When setting to 5mA
*8
"L" level total output current
*5
ΣI
OL
-
50
mA
*6
"H" level maximum output current
*3
IOH1
-
-7
mA
When setting to 2mA
*6
IOH2
-
-14
mA
When setting to 4mA
*7
IOH3
-
-17.5
mA
When setting to 5mA
*8
"H" level average output current
*4
IOHAV1
-
-2
mA
When setting to 2mA
*6
IOHAV2
-
-4
mA
When setting to 4mA
*7
IOHAV3
-
-5
mA
When setting to 5mA
*8
"H" level total output current
*5
ΣI
OH
-
-50
mA
*6
Power consumption
PD
-
690
mW
Operating temperature
TA
-40
+125
°C
*10, *11
Storage temperature
Tstg
-55
+150
°C
*1: These parameters are based on the condition that VSS=AVSS =0.0V.
*2: Caution must be taken that AVCC does not exceed VCC.
*3: The maximum output current is defined as the value of the peak current flowing through any one of the
corresponding pins.
*4: The average output current is defined as the value of the average current flowing through any one of the
corresponding pins for a 10 ms period. The average value is the operation current × the operation ratio.
*5: The total output current is defined as the maximum current value flowing through all of corresponding pins.
*6: Corresponding pins: General-purpose ports
*7: Corresponding pins: General-purpose ports of P021 to P023, P025 to P027
*8: Corresponding pins: General-purpose ports other than those of P021 to P023, P025 to P027



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com