Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LKBPMC Datasheet(PDF) 214 Page - Cypress Semiconductor

Part # MB91F525LKBPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LKBPMC Datasheet(HTML) 214 Page - Cypress Semiconductor

Back Button MB91F525LKBPMC Datasheet HTML 210Page - Cypress Semiconductor MB91F525LKBPMC Datasheet HTML 211Page - Cypress Semiconductor MB91F525LKBPMC Datasheet HTML 212Page - Cypress Semiconductor MB91F525LKBPMC Datasheet HTML 213Page - Cypress Semiconductor MB91F525LKBPMC Datasheet HTML 214Page - Cypress Semiconductor MB91F525LKBPMC Datasheet HTML 215Page - Cypress Semiconductor MB91F525LKBPMC Datasheet HTML 216Page - Cypress Semiconductor MB91F525LKBPMC Datasheet HTML 217Page - Cypress Semiconductor MB91F525LKBPMC Datasheet HTML 218Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 214 of 280
MB91520 Series
16. Ordering Information MB91F52xxxE
Part Number
Sub Clock
CSV Initial Value LVD Initial Value
Package*
MB91F526LWEPMC
Yes
ON
ON
LQP・176 pin,
Plastic
MB91F526LJEPMC
OFF
ON
MB91F525LWEPMC
ON
ON
MB91F525LJEPMC
OFF
ON
MB91F524LWEPMC
ON
ON
MB91F524LJEPMC
OFF
ON
MB91F523LWEPMC
ON
ON
MB91F523LJEPMC
OFF
ON
MB91F522LWEPMC
ON
ON
MB91F522LJEPMC
OFF
ON
MB91F526LSEPMC
None
ON
ON
MB91F526LHEPMC
OFF
ON
MB91F526LKEPMC
OFF
OFF
MB91F525LSEPMC
ON
ON
MB91F525LHEPMC
OFF
ON
MB91F524LSEPMC
ON
ON
MB91F524LHEPMC
OFF
ON
MB91F523LSEPMC
ON
ON
MB91F523LHEPMC
OFF
ON
MB91F522LSEPMC
ON
ON
MB91F522LHEPMC
OFF
ON
MB91F526KWEPMC
Yes
ON
ON
LQS・144 pin,
(Lead pitch 0.5 mm)
Plastic
MB91F526KJEPMC
OFF
ON
MB91F525KWEPMC
ON
ON
MB91F525KJEPMC
OFF
ON
MB91F524KWEPMC
ON
ON
MB91F524KJEPMC
OFF
ON
MB91F523KWEPMC
ON
ON
MB91F523KJEPMC
OFF
ON
MB91F522KWEPMC
ON
ON
MB91F522KJEPMC
OFF
ON
MB91F526KSEPMC
None
ON
ON
MB91F526KHEPMC
OFF
ON
MB91F525KSEPMC
ON
ON
MB91F525KHEPMC
OFF
ON
MB91F524KSEPMC
ON
ON
MB91F524KHEPMC
OFF
ON
MB91F523KSEPMC
ON
ON
MB91F523KHEPMC
OFF
ON
MB91F522KSEPMC
ON
ON
MB91F522KHEPMC
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com