Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LJCPMC Datasheet(PDF) 139 Page - Cypress Semiconductor

Part # MB91F525LJCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LJCPMC Datasheet(HTML) 139 Page - Cypress Semiconductor

Back Button MB91F525LJCPMC Datasheet HTML 135Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 136Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 137Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 138Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 139Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 140Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 141Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 142Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 143Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 139 of 280
MB91520 Series
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
“H” level
input voltage
VIH1
P000,002,003,
005,020,022,
024,026,150,
151,035,041,
045,055,057,
071-077,081,
082,093,096,
097,100-102,
111,115,116,
122,126,130,
134,142,143,
144,153
CMOS
hysteresis input
level
0.7×
VCC
-
VCC
V
VIH3
Port other than
VIH1
Automotive input
level
0.8×
VCC
-
VCC
V
VIH5
RSTX,NMIX,MD
0,MD1
CMOS
hysteresis input
level
0.8×
VCC
-
VCC
V
VIHT
DEBUGIF
TTL input level
2
-
VCC
V
“L” level
input voltage
VIL1
P000,002,003,
005,020,022,
024,026,150,
151,035,041,
045,055,057,
071-077,081,
082,093,096,
097,100-102,
111,115,116,
122,126,130,
134,142,143,
144,153
CMOS
hysteresis input
level
Vss
-
0.3×
VCC
V
VIL3
Port other than
VIH1
Automotive
input level
Vss
-
0.5×
VCC
V
VIL5
RSTX,NMIX,MD
0,MD1
CMOS
hysteresis input
level
Vss
-
0.2×
VCC
V
VILT
DEBUGIF
TTL input level
Vss
-
0.8
V
*: It is a standard in BRAMSC (Backup RAM sleep control bit) = 1 (Enter the state of the sleep at the standby mode) condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com