Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LJCPMC Datasheet(PDF) 157 Page - Cypress Semiconductor

Part # MB91F525LJCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LJCPMC Datasheet(HTML) 157 Page - Cypress Semiconductor

Back Button MB91F525LJCPMC Datasheet HTML 153Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 154Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 155Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 156Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 157Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 158Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 159Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 160Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 161Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 157 of 280
MB91520 Series
Internal shift clock mode
tSCYC
tSLOVI
tSOVHI
tSHIXI
tIVSHI
2.4V
2.4V
2.4V
0.8V
0.8V
VIH
VIL
VIH
VIL
2.4V
0.8V
SCKx
SOTx
SINx
External shift clock mode
*: It writes in the TDR register and, then, it changes.
tSLSH
tSHSL
tSLOVE
tR
tF
tSHIXE
tIVSHE
2.4V
0.8V
VIH
VIL
VIL
VIL
VIL
VIH
VIH
VIH
VIH
VIL
2.4V
0.8V
SCKx
*
SOTx
SINx
tF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com