Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LJCPMC Datasheet(PDF) 231 Page - Cypress Semiconductor

Part # MB91F525LJCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LJCPMC Datasheet(HTML) 231 Page - Cypress Semiconductor

Back Button MB91F525LJCPMC Datasheet HTML 227Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 228Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 229Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 230Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 231Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 232Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 233Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 234Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 235Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 231 of 280
MB91520 Series
Page
Section
Change Results
159,162,
165,168
■ELECTRICAL
CHARACTERISTICS
4. AC characteristics
(4) Multi-function Serial
(4-1) CSIO timing
(4-1-5),(4-1-6),(4-1-7),(4-1-8)
(4-1-
5)SCK↓⇒SCS↓ clock switch time tSCC
(4-1-
6)SCK↑⇒SCS↓ clock switch time tSCC
(4-1-
7)SCK↓⇒SCS↑ clock switch time tSCC
(4-1-
8)SCK↑⇒SCS↑ clock switch time tSCC
Corrected the following description.
Pin name: SCK1 to SCK11
SCS1 to SCS3,SCS40 to SCS43,SCS50 to SCS53,SCS60 to SCS63,SCS70 to
SCS73,SCS8 to SCS11
Value: Min 3tCPP+0
Max 3tCPP+50
↓
Pin name: SCK1,SCK2,SCK5 to SCK11
SCS1,SCS2,SCS50 to SCS53,SCS60 to SCS63,SCS70 to SCS73,SCS8 to
SCS11
Value: Min 3tCPP-10
Max 3tCPP+50
Pin name: SCK3,SCK4
SCS3,SCS40 to SCS43
Value: Min 3tCPP-300
Max 3tCPP+50
159,162,
165,168
■ELECTRICAL
CHARACTERISTICS
4. AC characteristics
(4) Multi-function Serial
(4-1) CSIO timing
(4-1-5),(4-1-6),(4-1-7),(4-1-8)
Added the following description.
Regardless of the deselect time setting, once after the serial chip select pin
becomes inactive, it will take at least five peripheral bus clock cycles to be active
again
184
■ELECTRICAL
CHARACTERISTICS
5.A/D Converter
(1) 12-bit A/D Converter
Electrical Characteristics
Added the value of "Total error".
Total error
value
Min
– Typ – Max ±12 LSB
184
■ELECTRICAL
CHARACTERISTICS
5.A/D Converter
(1) 12-bit A/D Converter
Electrical Characteristics
Corrected the value of "Zero transition voltage".
Min AVRL+0.5LSB-20mV
Max AVRL+0.5LSB+20mV
↓
Min AVRL-11.5LSB
Max AVRL+12.5LSB
184
■ELECTRICAL
CHARACTERISTICS
5.A/D Converter
(1) 12-bit A/D Converter
Electrical Characteristics
Corrected the value of "Full-scale transition voltage".
Min AVRH-1.5LSB-20mV
Max AVRH-1.5LSB+20mV
↓
Min AVRH-13.5LSB
Max AVRH+10.5LSB
184
■ELECTRICAL
CHARACTERISTICS
5.A/D Converter
(1) 12-bit A/D Converter
Electrical Characteristics
Added the following description.
Parameter : Power supply current IA AVCC*3
*3: The power supply current described only current value on A/D converter. The
total AVcc current value must be calculated the power supply current for A/D
converter and D/A converter.
188
■ELECTRICAL
CHARACTERISTICS
7.D/A Converter
Added the following description.
Parameter : Power supply current *1
*1: The power supply current described only current value on D/A converter.The
total Avcc current value must be calculated the power supply current for D/A
converter and A/D converter.
187
■ELECTRICAL
CHARACTERISTICS
6.Flash memory
Parameter: Erase cycle*2/Data retain time
Deleted the following description.
Remarks :
"Temperature at writing/erasing Tj<+105°C"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com