Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LSCPMC Datasheet(PDF) 228 Page - Cypress Semiconductor

Part # MB91F525LSCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LSCPMC Datasheet(HTML) 228 Page - Cypress Semiconductor

Back Button MB91F525LSCPMC Datasheet HTML 224Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 225Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 226Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 227Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 228Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 229Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 230Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 231Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 232Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 228 of 280
MB91520 Series
19. Major Changes
Spansion Publication Number: MB91F526L_DS705-00011
Page
Section
Change Results
Revision 1.0
-
-
Initial release
Revision 2.0
3
■FEATURES
Corrected the following description.
5V tolerant input: 4 channels ch.6, ch.8, ch.9, ch.11 Automotive input
↓
5V tolerant input: 4 channels ch.6, ch.8, ch.9, ch.11 CMOS hysteresis input
33 to 36
■I/O CIRCUIT TYPE
Corrected the following description to "Type F, G, I, J, K, M".
Schmitt input → CMOS hysteresis input
Corrected the following description to "Type D, E".
I2C Schmitt input
→ I2C hysteresis input
44 to 49
■BLOCK DIAGRAM
Corrected the following description.
●MB91F522B, MB91F523B, MB91F524B, MB91F525B, MB91F526B
●MB91F522D, MB91F523D, MB91F524D, MB91F525D, MB91F526D
●MB91F522F, MB91F523F, MB91F524F, MB91F525F, MB91F526F
●MB91F522J, MB91F523J, MB91F524J, MB91F525J, MB91F526J
●MB91F522K, MB91F523K, MB91F524K, MB91F525K, MB91F526K
●MB91F522L, MB91F523L, MB91F524L, MB91F525L, MB91F526L
138
■ELECTRICAL
CHARACTERISTICS
2. Recommended operating
conditions
Added the following description.
*1:When it is used outside recommended operation guarantee range (range of
the operation guarantee),contact your sales representative. Moreover,
minimum value with an effective external low-voltage detection reset
becomes a voltage until generating low-voltage detection reset
139,140
■ELECTRICAL
CHARACTERISTICS
3.DC characteristics
Corrected the value of "ICCT5 When using sub clock 32kHz TA=+25°C
". Max 1420µA
→ Max 2000µA
139
■ELECTRICAL
CHARACTERISTICS
3.DC characteristics
Corrected the value of "Power supply voltage range".
(TA:-40°C to +105°C,Vcc=AVcc=2.7V to 5.5V,VSS=AVSS=0.0V)
↓
(TA:-40°C to +105°C,Vcc=AVcc=5.0V±10%/3.3V±0.3V,VSS=AVSS=0.0V)
140,141
■ELECTRICAL
CHARACTERISTICS
3.DC characteristics
Corrected the value of "Power supply voltage range".
(TA:-40°C to +125°C,Vcc=AVcc=2.7V to 5.5V,VSS=AVSS=0.0V)
↓
(TA:-40°C to +125°C,Vcc=AVcc=5.0V±10%/3.3V±0.3V,VSS=AVSS=0.0V)
141
■ELECTRICAL
CHARACTERISTICS
3.DC characteristics
Corrected the value of " Pull-up resistance RUP1".
Vcc=3.3V±0.3V
Min 49 Max 140 →Min 45 Max 140
141
■ELECTRICAL
CHARACTERISTICS
3.DC characteristics
Corrected the following description.
Pull-up resistance RUP2
Port pin other than P035,041,093,122 → P073,074,076,077
141
■ELECTRICAL
CHARACTERISTICS
3.DC characteristics
Corrected the value of " Pull-up resistance RUP2".
VCC=5.0V±10% Min 25 Ma
x 100 →Min 25 Max 60
VCC=3.3V±0.3V Min 49 Max 140 →Min 33 Max 90
141
■ELECTRICAL
CHARACTERISTICS
3.DC characteristics
Added the value of " Pull-up resistance RUP3".
Pin name : Port pin other than P035,041,073,074,076,077,093,122
VCC=5.0V±10%
Min 25 Max 100
VCC=3.3V±0.3V Min 45 Max 140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com