Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LSCPMC Datasheet(PDF) 273 Page - Cypress Semiconductor

Part # MB91F525LSCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LSCPMC Datasheet(HTML) 273 Page - Cypress Semiconductor

Back Button MB91F525LSCPMC Datasheet HTML 269Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 270Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 271Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 272Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 273Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 274Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 275Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 276Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 277Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 273 of 280
MB91520 Series
Page
Section
Change Results
5,6,7,8,9
,10
1. Product Lineup
The following sentence should be modified as follows:
(Error)
*2: Detection voltage of the external low voltage detection reset (initial) is
2.8V±8% (2.576V to 3.024V). This detection voltage (2.576V) is below the
minimum operation guarantee voltage (2.7V). Between this detection voltage
and the minimum operation guarantee voltage, MCU functions are not
guaranteed except for the low voltage detector. Note that although the detection
level is below the minimum operation guarantee voltage, the LVD reset factor
flag is set as the voltage drops below the detection level.
(Correct)
*2: The initial detection voltage of the external low voltage detection is 2.8V±8%
(2.576V to 3.024V). This LVD setting
and internal LVD cannot be used to reliably generate a reset before voltage dips
below minimum guaranteed operation
voltage, as these detection levels are below the minimum guaranteed MCU
operation voltage. Below the minimum
guaranteed MCU operation voltage, MCU operations are not guaranteed with the
exception of LVD.
142,143
11. Electrical Characteristics
Recommended operating
conditions
The following sentence should be modified as follows:
(Error)
*1: When it is used outside recommended operation guarantee range (range of
the operation guarantee), contact your sales representative.
Detection voltage of the external low voltage detection reset (initial) is
2.8V±8% (2.576V to 3.024V). This detection voltage (2.576V) is below the
minimum operation guarantee voltage (2.7V). Between this detection voltage
and the minimum operation guarantee voltage, MCU functions are not
guaranteed except for the low voltage detector. Note that although the
detection level is below the minimum operation guarantee voltage, the LVD
reset factor flag is set as the voltage drops below the detection level.
(Correct)
*1: When it is used outside recommended operation guarantee range (range of
the operation guarantee), contact your sales representative.
The initial detection voltage of the external low voltage detection is 2.8V±8%
(2.576V to 3.024V). This LVD setting
and internal LVD cannot be used to reliably generate a reset before voltage
dips below minimum guaranteed operation voltage, as these detection levels
are below the minimum guaranteed MCU operation voltage. Below the
minimum guaranteed MCU operation voltage, MCU operations are not
guaranteed with the exception of LVD.
146
11. Electrical Characteristics
DC Characteristics
Pin name of RUP3 should be modified as follows:
(Error)
Port pin other than P035,041,093,122
(Correct)
Port pin other than P035,041,073,074,076,077,093,122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com