Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM420MI7W Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # SCM420MI7W
Description  20 AMP UNFUSED SWITCHED PIN & SLEEVE MECHANICAL INTERLOCK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

SCM420MI7W Datasheet(HTML) 2 Page - PowerDynamics, Inc

  SCM420MI7W Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
A
6
B
5
4
C
D
6
5
4
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
2 of 2
SHEET
20 AMP UNFUSED SWITCHED
PIN & SLEEVE MECHANICAL INTERLOCK
SCMX20MIXW
A
PB
4//25/16
RESISTANCE TO CHEMICAL AND ATMOSPHERIC AGENTS
CONTACT PDI FOR SPECIFIC SUBSTANCES
MATERIALS & PLATING:
Housing: Glass reinforced polyester, thermosetting material
UL-94-V0 rated, color Gray
Gasket: SEBS rubber, 30 Shore A
Handle: Polycarbonate-Siloxane copolymer -UV stabilized
Housing closing screws: Stainless steel AISI 316
Receptacle: Impact modified, flame retarted PBT+PC blend (Valox 357X)
UL94-5VA and UL-94V-0 classification
Receptacle cover hinge spring: Stainless steel AISI 302
Receptacle contacts: Brass
Receptacle terminal screws: Steel, Nickel plated
Support base: Fiberglass reinforced PA66, UL94V-0 rated
Locking mechanism: Fiberglass reinforced PA66, UL94V-0 rated
LED lens: Polycarbonate, UV stabilized
Grounding plate: Steel, Zinc plated
ELECTRICAL SPECIFICATIONS:
Rated current: 20A
Max. working voltage: 600VAC RMS
Dielectric withstanding voltage: 1200VAC min.
Current interrupting: Certified for current interrupting at full rated current and voltage
Short circuit withstand rating: Suitable for use on a circuit capable of delivering not more
than 10,000 RMS symmetrical amperes at the voltage rating of the receptacle when
RMS symmetrical amperes at the voltage rating of the receptacle when protected by class
Electrical endurance: 6,000 cycles
Suitable as motor disconnect
STANDARDS & CERTIFICATIONS:
UL Standards: ANSI/UL 60947-1 / 60947-4-1, UL1682, UL1686, UL50, UL746C
CSA Standards: CAN/CSA-C22.2 No. 60947-1 and No. 60947-4-1
IEC Standards: IEC 60947-1 / 60947-4-1, IEC60309-1; IEC 60309-2
Certifications:
RoHS
COMPLIANT
R
LISTED
REACH
COMPLIANT
MECHANICAL SPECIFICATIONS:
Mechanical endurance: 10,000 cycles
Recommended mounting screw: #10
ENVIRONMENTAL SPECIFICATIONS:
Nema ratings: Type 3R, 4X, 12K
Ingress protection: IP66, IP67, IP69 according to IEC60529
UV resistance: All exposed plastic materials are UV stabilized
Living Building Challenge Red List v3.0 compliant



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com