Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF111FN Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF111FN
Description  1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF111FN Datasheet(HTML) 4 Page - Texas Instruments

  CDCVF111FN Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 1 page
background image
CDCVF111
1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
SCAS670B – SEPTEMBER 2001 – REVISED JUNE 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ESD information
ESD MODELS
LIMIT
Human Body Model (HBM)
2.0 kV
Machine Model (MM)
200 V
Charge Device Model (CDM)
2.0 kV
thermal information
CDCVF111 28 PIN PLCC
THERMAL AIR FLOW (CFM)
UNIT
CDCVF111 28-PIN PLCC
0
150
250
500
UNIT
R
θJA
High K
48
44
42
39
°C/W
R
θJA
Low K
70
58
52
46
°C/W
R
θJC
High K
22
°C/W
R
θJC
Low K
28
°C/W
PARAMETER MEASUREMENT INFORMATION
tPLH
VCC – 0.9 V
VCC – 1.7 V
CLKIN
VOH
VOL
Y
Outputs
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
tPHL
tr
tf
VOH
VOL
Y, Y
Outputs
80%
20%
80%
20%
VOLTAGE WAVEFORMS
RISE AND FALL TIMES
CLKIN
NOTES: A. All input pulses are supplied by generators having the following characteristics: PRR
≤ 45 MHz, ZO = 50 Ω, tr ≤ 1 ns, tf ≤ 1 ns.
B. For additonal signal interface, see the Interfacing Between LVPECL, LVDS, and CML application note, Literature Number
SCAA056.
LOAD CIRCUIT (See Note B)
VCC = 2 V
VEE = –1.3 V
LVPECL
Driver
ZO = 50 Ω
ZO = 50 Ω
Yn
Yn
50
Ω
50
Ω
Oscilloscope
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com