Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546 Datasheet(PDF) 152 Page - Texas Instruments

Part # AM6546
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6546 Datasheet(HTML) 152 Page - Texas Instruments

Back Button AM6546 Datasheet HTML 148Page - Texas Instruments AM6546 Datasheet HTML 149Page - Texas Instruments AM6546 Datasheet HTML 150Page - Texas Instruments AM6546 Datasheet HTML 151Page - Texas Instruments AM6546 Datasheet HTML 152Page - Texas Instruments AM6546 Datasheet HTML 153Page - Texas Instruments AM6546 Datasheet HTML 154Page - Texas Instruments AM6546 Datasheet HTML 155Page - Texas Instruments AM6546 Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 299 page
background image
MCU_PLL0
(MCU PLL)
SPRSP08_PLL_PWR_01
MCU_PLL1
(CPSW PLL)
PLL0
(MAIN PLL)
PLL2
(PER1 PLL)
PLL1
(PER0 PLL)
PLL3
(DDR PLL)
PLL4
(DSS PLL)
PLL6
(ARM0 PLL)
PLL7
(ARM1 PLL)
VDDA_MCU
VDDA_PLL_CORE
VDDA_PLL_PER0
VDDA_PLL0_DDR
VDDA_PLL_DSS
VDDA_PLL_MPU0
VDDA_PLL_MPU1
152
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Figure 5-25. PLL Power Supply Connectivity
Table 5-26 provides the power supply requirements for the PLL.
Table 5-26. PLL Power Supply Requirements
SUPPLY NAME
DESCRIPTION
MIN
NOM
MAX
UNIT
VDD_DLL_MMC0
MMC0 PHY DLL voltage supply
0.95
1
1.05
V
Max. peak-to-peak supply noise
TBD
mV (p-p)
VDD_DLL_MMC1
MMC1 PHY DLL voltage supply
0.95
1
1.05
V
Max. peak-to-peak supply noise
TBD
mV (p-p)
VDDA_PLL_CORE
CORE DPLL, PER1 DPLL analog power supply
1.71
1.8
1.89
V
Max. peak-to-peak supply noise
50
mV (p-p)
VDDA_PLL0_DDR
DDR DPLL analog power supply
1.71
1.8
1.89
V
Max. peak-to-peak supply noise
50
mV (p-p)
VDDA_PLL1_DDR
DDR De-skew DPLL analog power supply
1.71
1.8
1.89
V
Max. peak-to-peak supply noise
50
mV (p-p)
VDDA_PLL_DSS
DSS DPLL analog power supply
1.71
1.8
1.89
V
Max. peak-to-peak supply noise
50
mV (p-p)
VDDA_PLL_MPU0
MPU0 DPLL analog power supply
1.71
1.8
1.89
V
Max. peak-to-peak supply noise
50
mV (p-p)
VDDA_PLL_MPU1
MPU1 DPLL analog power supply
1.71
1.8
1.89
V
Max. peak-to-peak supply noise
50
mV (p-p)
VDDA_PLL_PER0
PER0 DPLL analog power supply
1.71
1.8
1.89
V
Max. peak-to-peak supply noise
50
mV (p-p)
5.11.4.4 System Clocks Operating Frequency Ranges
Table 5-27 lists the operating frequency ranges for the system clocks of the device.
Table 5-27. System Clocks Operating Frequency Range
System Clocks (1)
Bypass Min
(MHz)
Bypass Max
(MHz)
Minimum Operating Frequency
(MHz)
PLL0 (MAIN PLL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com