Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546 Datasheet(PDF) 211 Page - Texas Instruments

Part # AM6546
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6546 Datasheet(HTML) 211 Page - Texas Instruments

Back Button AM6546 Datasheet HTML 207Page - Texas Instruments AM6546 Datasheet HTML 208Page - Texas Instruments AM6546 Datasheet HTML 209Page - Texas Instruments AM6546 Datasheet HTML 210Page - Texas Instruments AM6546 Datasheet HTML 211Page - Texas Instruments AM6546 Datasheet HTML 212Page - Texas Instruments AM6546 Datasheet HTML 213Page - Texas Instruments AM6546 Datasheet HTML 214Page - Texas Instruments AM6546 Datasheet HTML 215Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 299 page
background image
MMC1 CLK
_
MMC1 CMD
_
MMC1 DAT
_
[3:0]
DDR500
DDR501
DDR502
DDR503(max)
DDR503(min)
DDR504(max)
DDR504(min)
DDR504(min)
DDR504(max)
MMC1_14
MMC1 CLK
_
MMC1 CMD
_
MMC1 DAT
_
[3:0]
DDR500
DDR501
DDR502
DDR505
DDR506
DDR508
DDR507
DDR507
DDR508
MMC1_13
211
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5.11.5.16.2.7 UHS-I DDR50, 4-bit data
Table 5-82 and Table 5-83 present Timing requirements and Switching characteristics for MMC1 - DDR50
in receiver and transmitter mode (see Figure 5-88 and Figure 5-89).
Table 5-82. Timing Requirements for MMC1 - SD Card DDR50 Mode
NO.
PARAME
TER
DESCRIPTION
MODE
MIN
MAX
UNIT
DDR505
tsu(cmdV-clk) Setup time, MMC1_CMD valid before MMC1_CLK
transition
Positive-edge
Reference Clock
6.21
ns
DDR506
th(clk-cmdV)
Hold time, MMC1_CMD valid after MMC1_CLK
transition
Positive-edge
Reference Clock
1.53
ns
DDR507
tsu(dV-clk)
Setup time, MMC1_DAT[3:0] valid before
MMC1_CLK transition
Both-edge
Reference Clock
-0.45
ns
DDR508
th(clk-dV)
Hold time, MMC1_DAT[3:0] valid after MMC1_CLK
transition
Both-edge
Reference Clock
1.67
ns
Table 5-83. Switching Characteristics for MMC1 - SD Card DDR50 Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
DDR500
fop(clk)
Operating frequency, MMC1_CLK
Positive-edge
Reference Clock
48
MHz
DDR501
tw(clkH)
Pulse duration, MMC1_CLK high
Positive-edge
Reference Clock
9.6
ns
DDR502
tw(clkL)
Pulse duration, MMC1_CLK low
Negative-edge
Reference Clock
9.6
ns
DDR503
td(clk-cmdV)
Delay time, MMC1_CLK transition to MMC1_CMD
transition
Negative-edge
Reference Clock
1.72
13.91
ns
DDR504
td(clk-dV)
Delay time, MMC1_CLK transition to MMC1_DAT[3:0]
transition
Both-edge
Reference Clock
1.72
6.5
ns
(1) P = output MMC1_CLK period in ns
Figure 5-88. MMC/SD - High Speed SD - DDR - Data/Command Receive
Figure 5-89. MMC/SD - High Speed SD - DDR - Data/Command Transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com