Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546 Datasheet(PDF) 249 Page - Texas Instruments

Part # AM6546
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6546 Datasheet(HTML) 249 Page - Texas Instruments

Back Button AM6546 Datasheet HTML 245Page - Texas Instruments AM6546 Datasheet HTML 246Page - Texas Instruments AM6546 Datasheet HTML 247Page - Texas Instruments AM6546 Datasheet HTML 248Page - Texas Instruments AM6546 Datasheet HTML 249Page - Texas Instruments AM6546 Datasheet HTML 250Page - Texas Instruments AM6546 Datasheet HTML 251Page - Texas Instruments AM6546 Datasheet HTML 252Page - Texas Instruments AM6546 Datasheet HTML 253Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 299 page
background image
249
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.8
Memory Subsystem
6.8.1
MSMC
The
Multi-core
Shared
Memory
Controller
(MSMC)
forms
the
heart
of
the
compute
cluster
(COMPUTE_CLUSTER0) providing high-bandwidth resource access both to and from all of the connected
processing elements and the rest of the system. MSMC serves as the data-movement backbone of the
compute cluster.
MSMC supports the following features:
•
2MB (2 banks x 1MB) SRAM with ECC:
–
Shared coherent level 2/level 3 memory-mapped SRAM
–
Shared coherent level 3 cache
•
256-bit processor port bus and 40-bit physical address bus
•
Coherent unified bi-directional interfaces to connect to processors or device masters
•
One infrastructure master interface
•
Single external memory master interface
•
Supports distributed virtual system
•
Supports internal DMA engine – DRU (Data Routing Unit)
–
DMA in/out L2 SRAM, MSMC, DDR and system
–
L2, L3 cache pre-warming and post flushing
•
Bandwidth management with starvation bound
•
Two-level QoS support for real-time/non-real-time split
•
Security firewall for SRAM/cache and external memory
•
ECC error protection
•
Scrubbing on MSMC data memory (no scrubbing on tag RAMs or memory blocks used by DRU)
•
Parity protection and detection on all addresses, routing control and SECDED protection on data
pipelines
•
One interconnect messaging interface that supports DMA/prefetch requests to DRU
•
Trace and debugging support
•
Supports dynamic power up and power down on PDs low power modes, if required by system
applications
•
Supports dynamic clock gating on all logic units
•
Supports low power mode during low-usage processor states
MSMC does not support the following:
•
Cache coherence between multiple MSMC clusters
•
Atomic operation for compute cluster interface
•
AMBA-style exclusive bus operations to strongly ordered, device, or non-cacheable memory locations.
•
DRU memory management unit
•
PSI-L supported MMU control messaging
For more information, see section Multicore Shared Memory Controller (MSMC) in chapter Device
Configuration of the device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com