Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546 Datasheet(PDF) 254 Page - Texas Instruments

Part # AM6546
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6546 Datasheet(HTML) 254 Page - Texas Instruments

Back Button AM6546 Datasheet HTML 250Page - Texas Instruments AM6546 Datasheet HTML 251Page - Texas Instruments AM6546 Datasheet HTML 252Page - Texas Instruments AM6546 Datasheet HTML 253Page - Texas Instruments AM6546 Datasheet HTML 254Page - Texas Instruments AM6546 Datasheet HTML 255Page - Texas Instruments AM6546 Datasheet HTML 256Page - Texas Instruments AM6546 Datasheet HTML 257Page - Texas Instruments AM6546 Datasheet HTML 258Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 299 page
background image
254
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.11 Peripherals
6.11.1 ADC
The analog-to-digital converter (ADC) module is an 8 channel general purpose analog-to-digital converter,
which supports 12-bit conversion samples from an analog front end (AFE).
There are total of two ADC modules in the device.
Each ADC module has the following features:
•
8 channels
•
12-bit data
•
4 MSPS at 60 MHz sample clock
•
Programmable Finite State Machine (FSM) sequencer that supports 15 steps:
–
Software register bit for start of conversion
–
Optional start-of-conversion (SOC) synchronized to external hardware event
–
Single conversion (one-shot)
–
Continuous conversions
–
Sequence through all input channels based on a mask
–
Programmable open delay before sampling each channel
–
Programmable sampling delay for each channel
–
Programmable averaging of input samples - 16, 8, 4, 2, or 1
–
Store data in either of two FIFO – 256-word 16-bit RAM
–
Option to encode channel number with data
–
Support for servicing FIFOs via DMA or CPU
–
Programmable DMA Request event (for each FIFO)
–
Dynamically enable or disable channel inputs during operation
–
Stop bit to end conversion
–
Support for error offset (internal calibration or external calibration via eFuse) inside the AFE
•
Support for the following interrupts and status, with masking:
–
Interrupt after a sequence of conversions (all non-masked channels)
–
Interrupt for FIFO threshold levels
–
Interrupt if sampled data is out of a programmable range
–
Interrupt for FIFO overflow and underflow conditions
–
Status bit to indicate if ADC is busy converting
ADC Not Supported Features:
•
No packing of 16-bit FIFO data onto 32-bit DMA bus
•
No support for big endian
•
Support only 32-bit aligned read/write accesses on the MCU_CBASS0/DMA ports
For more information, see section Analog-to-Digital Converter (ADC) in chapter Peripherals of the device
TRM.
6.11.2 CAL
The device has one Camera Adaptation Layer (CAL) controller with MIPI Camera Serial Interface 2 and
LVDSRX parallel bypass port.
The CAL supports the following modules and configurations:
•
The CSI-2 port support one 4-Lane D-PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com