Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546 Datasheet(PDF) 265 Page - Texas Instruments

Part # AM6546
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6546 Datasheet(HTML) 265 Page - Texas Instruments

Back Button AM6546 Datasheet HTML 261Page - Texas Instruments AM6546 Datasheet HTML 262Page - Texas Instruments AM6546 Datasheet HTML 263Page - Texas Instruments AM6546 Datasheet HTML 264Page - Texas Instruments AM6546 Datasheet HTML 265Page - Texas Instruments AM6546 Datasheet HTML 266Page - Texas Instruments AM6546 Datasheet HTML 267Page - Texas Instruments AM6546 Datasheet HTML 268Page - Texas Instruments AM6546 Datasheet HTML 269Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 299 page
background image
265
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
The following apply to WKUP_GPIO0:
–
WKUP_GPIO0_[56:143] are not pinned out.
–
Interrupts [56:143] are not pinned out.
–
Bank Interrupts [8:4] are not pinned out.
•
The following apply to GPIO0:
–
GPIO0_[96:143] are not pinned out.
–
Interrupts [96:143] are not pinned out.
–
Bank Interrupts [8:6] are not pinned out.
•
The following apply to GPIO1:
–
GPIO1_[90:143] are not pinned out.
–
Interrupts [90:143] are not pinned out.
–
Bank Interrupts [8:6] are not pinned out.
–
GPI[10,77] buffer is output only.
–
Interrupt [10,77] buffer is output only.
–
GPO[12] buffer is input only.
For more information, see section General-Purpose Interface (GPIO) in chapter Peripherals of the device
TRM.
6.11.13 GPMC
The General-Purpose Memory Controller is a unified memory controller dedicated for interfacing with
external memory devices like:
•
Asynchronous SRAM-like memories and application-specific integrated circuit (ASIC) devices
•
Asynchronous, synchronous, and page mode (available only in non-multiplexed mode) burst NOR flash
devices
•
NAND flash
•
Pseudo-SRAM devices
The main features of the GPMC are:
•
8- or 16-bit-wide data path to external memory device
•
Supports up to 4 chip select regions of programmable size and programmable base addresses in a
total address space of 1 GB
•
Supports on-the-fly error code detection using the Bose-ChaudhurI-Hocquenghem (BCH) (t = 4, 8, or
16) or Hamming code to improve the reliability of NAND with a minimum effect on software (NAND
flash with 512-byte page size or greater)
•
Fully pipelined operation for optimal memory bandwidth usage
•
The clock to the external memory is provided from GPMC_FICLK divided by 1, 2, 3, or 4
•
Supports programmable autoclock gating when no access is detected
•
Independent and programmable control signal timing parameters for setup and hold time on a per-chip
basis. Parameters are set according to the memory device timing parameters with a timing granularity
of one GPMC_FICLK clock cycle.
•
Flexible internal access time control (wait state) and flexible handshake mode using external WAIT pin
monitoring
•
Support bus keeping
•
Support bus turnaround
•
Prefetch and write posting engine associated with DMA controller at system level to achieve full
performance from the NAND device with minimum effect on NOR/SRAM concurrent access
•
32-bit interconnect slave interface which supports non-wrapping and wrapping burst of up to 16x32
bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com