Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546 Datasheet(PDF) 115 Page - Texas Instruments

Part # AM6546
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6546 Datasheet(HTML) 115 Page - Texas Instruments

Back Button AM6546 Datasheet HTML 111Page - Texas Instruments AM6546 Datasheet HTML 112Page - Texas Instruments AM6546 Datasheet HTML 113Page - Texas Instruments AM6546 Datasheet HTML 114Page - Texas Instruments AM6546 Datasheet HTML 115Page - Texas Instruments AM6546 Datasheet HTML 116Page - Texas Instruments AM6546 Datasheet HTML 117Page - Texas Instruments AM6546 Datasheet HTML 118Page - Texas Instruments AM6546 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 299 page
background image
115
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
4.5
Connections for Unused Pins
This section describes the Unused/Reserved balls connection requirements.
NOTE
All power balls must be supplied with the voltages specified in Section 5.4, Recommended
Operating Conditions, unless otherwise specified in Section 4.3, Signal Descriptions.
Table 4-76. Unused Balls Specific Connection Requirements
Balls
Connection Requirements
AD5, C22, AE4, AA3 K2, K3, V5, H2, H3, K5, J3, J1, J5, K4, J4, J2,
J6, F4, G6, G4, H5, F5, G5, G3, H4
Each of these balls must be connected to VSS through a separate
external pull resistor to ensure these balls are held to a valid logic
low level if unused
F17, W4, W5, E19, AA4, A21, AC7, AD6, AD7, AD8, F18, C20, A20,
AA1, AA2
Each of these balls must be connected to the corresponding power
supply through a separate external pull resistor to ensure these balls
are held to a valid logic high level if unused(1)
F21, T6, F23, D24
This ball must be left unconnected if unused.
(1) To determine which power supply is associated with any IO refer to Table 4-1, Pin Attributes.
NOTE
The following balls are reserved: AC23 (RSV4), B1 (RSV3), AA6 (RSV2), C12 (RSV5), F9
(RSV6), F10 (RSV7), AD10 (RSV8), AC13 (RSV9), B28 (RSV10), A27 (RSV11), D23
(RSV12), E23 (RSV13).
These balls must be left unconnected.
NOTE
The following balls are reserved: V4 (RSV1)
These balls must be connected to VSS through a separate external pull resistor to ensure
these balls are held to a valid logic low level.
NOTE
All other unused signal balls with a Pad Configuration Register can be left unconnected with
their multiplexing mode set to GPIO input and internal pulldown resistor enabled.
Unused balls are defined as those which only connect to a PCB solder pad. This is the only
use case where internal pull resistors are allowed as the only source/sink to hold a valid logic
level.
Any balls connected to a via, test point, or PCB trace are considered used and must not
depend on the internal pull resistor to hold a valid logic level.
Internal pull resistors are weak and may not source enough current to maintain a valid logic
level for some operating conditions. This may be the case when connected to components
with leakage to the opposite logic level, or when external noise sources couple to signal
traces attached to balls which are only pulled to a valid logic level by the internal resistor.
Therefore, external pull resistors may be required to hold a valid logic level on balls with
external connections.
If balls are allowed to float between valid logic levels, the input buffer may enter a high-
current state which could damage the IO cell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com