Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # AM6526
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6526 Datasheet(HTML) 119 Page - Texas Instruments

Back Button AM6526 Datasheet HTML 115Page - Texas Instruments AM6526 Datasheet HTML 116Page - Texas Instruments AM6526 Datasheet HTML 117Page - Texas Instruments AM6526 Datasheet HTML 118Page - Texas Instruments AM6526 Datasheet HTML 119Page - Texas Instruments AM6526 Datasheet HTML 120Page - Texas Instruments AM6526 Datasheet HTML 121Page - Texas Instruments AM6526 Datasheet HTML 122Page - Texas Instruments AM6526 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 299 page
background image
119
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN(1)
NOM
MAX(1)
UNIT
VDDA_3P3_IOLDO0
IO Bias LDO analog power supply
3.14
3.3
3.46
V
VDDA_3P3_IOLDO1
IO Bias LDO analog power supply
3.14
3.3
3.46
V
VDDA_3P3_SDIO
SDIO LDO analog power supply
3.14
3.3
3.46
V
VDDA_3P3_USB
USB analog power supply
3.14
3.3
3.46
V
VDDA_1P8_MON_WKUP
1.8V supply monitor in WKUP domain
1.71
1.8
1.89
V
VDDA_1P8_MON0
1.8V supply monitor in MAIN domain
1.71
1.8
1.89
V
VDDA_3P3_MON_WKUP
3.3V supply monitor in WKUP domain
3.14
3.3
3.46
V
VDDA_3P3_MON0
3.3V supply monitor in MAIN domain
3.14
3.3
3.46
V
VDDA_VSYS_MON
Supply monitor for system
TBD
TBD
TBD
V
VDDA_ADC_MCU
ADC0, ADC1 analog power supply
1.71
1.8
1.89
V
VDDA_LDO_WKUP
WKUP LDO analog power supply
1.71
1.8
1.89
V
VDDA_MCU
MCU SRAM LDO, MCU DPLL, CPSW DPLL analog power
supply
1.71
1.8
1.89
V
VDDA_PLL_CORE
CORE DPLL, PER1 DPLL analog power supply
1.71
1.8
1.89
V
VDDA_PLL0_DDR
DDR DPLL analog power supply
1.71
1.8
1.89
V
VDDA_PLL1_DDR
DDR De-skew DPLL analog power supply
1.71
1.8
1.89
V
VDDA_PLL_DSS
DSS DPLL analog power supply
1.71
1.8
1.89
V
VDDA_PLL_MPU0
MPU0 DPLL analog power supply
1.71
1.8
1.89
V
VDDA_PLL_MPU1
MPU1 DPLL analog power supply
1.71
1.8
1.89
V
VDDA_PLL_PER0
PER0 DPLL analog power supply
1.71
1.8
1.89
V
VDDA_POR_WKUP
WKUP POR/POK analog power supply
1.71
1.8
1.89
V
VDDA_SRAM_CORE0
CORE SRAM LDOs analog power supply
1.71
1.8
1.89
V
VDDA_SRAM_CORE1
CORE SRAM LDOs analog power supply
1.71
1.8
1.89
V
VDDA_SRAM_MPU0
MPU SRAM LDOs analog power supply
1.71
1.8
1.89
V
VDDA_SRAM_MPU1
MPU SRAM LDOs analog power supply
1.71
1.8
1.89
V
VDDA_WKUP
WKUP High/Low Frequency Oscillator (WKUP_LFOSC0 /
WKUP_OSC0), SRAM LDO analog power supply
1.71
1.8
1.89
V
VDDS_DDR(4)
DDR IO domain power supply (DDR3L)
1.28
1.35
1.42
V
DDR IO domain power supply (DDR4)
1.14
1.2
1.26
V
DDR IO domain power supply (LPDDR4)
1.05
1.1
1.15
V
VDDS_OSC1
MAIN High Frequency Oscillator (OSC1) analog power supply
1.71
1.8
1.89
V
VDDS0
IO bias supply for VDDSHV0
1.71
1.8
1.89
V
VDDS0_WKUP
IO bias supply for VDDSHV0_WKUP
1.71
1.8
1.89
V
VDDS1
IO bias supply for VDDSHV1
1.71
1.8
1.89
V
VDDS1_WKUP
IO bias supply for VDDSHV1_WKUP
1.71
1.8
1.89
V
VDDS2
IO bias supply for VDDSHV2
1.71
1.8
1.89
V
VDDS2_WKUP
IO bias supply for VDDSHV2_WKUP
1.71
1.8
1.89
V
VDDS3
IO bias supply for VDDSHV3
1.71
1.8
1.89
V
VDDS4
IO bias supply for VDDSHV4
1.71
1.8
1.89
V
VDDS5
IO bias supply for VDDSHV5
1.71
1.8
1.89
V
VDDS6
IO bias supply for VDDSHV6
1.71
1.8
1.89
V
VDDS7
IO bias supply for VDDSHV7
1.71
1.8
1.89
V
VDDS8
IO bias supply for VDDSHV8
1.71
1.8
1.89
V
VDDSHV0
Dual-voltage IO domain power
supply
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV0_WKUP
Dual-voltage IO domain power
supply
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com