Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0 Datasheet(PDF) 114 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 114 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 110Page - SPANSION S71PL129JC0 Datasheet HTML 111Page - SPANSION S71PL129JC0 Datasheet HTML 112Page - SPANSION S71PL129JC0 Datasheet HTML 113Page - SPANSION S71PL129JC0 Datasheet HTML 114Page - SPANSION S71PL129JC0 Datasheet HTML 115Page - SPANSION S71PL129JC0 Datasheet HTML 116Page - SPANSION S71PL129JC0 Datasheet HTML 117Page - SPANSION S71PL129JC0 Datasheet HTML 118Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 149 page
background image
114
pSRAM Type 1
pSRAM_Type01_12_A1 August 30, 2004
Advance
Info rmation
Mode Register Update and Deep Sleep Timings
Notes:
1. Minimum cycle time for writing register is equal to speed grade of product.
Figure 41. Deep Sleep Mode - Entry/Exit Timings (for 64M)
Figure 42. Deep Sleep Mode - Entry/Exit Timings (for 32M and 16M)
Item
Symbol
Min
Max
Unit
Note
Chip deselect to ZZ# low
tCDZZ
5
ns
ZZ# low to WE# low
tZZWE
10
500
ns
Write register cycle time
tWC
70/85
ns
1
Chip enable to end of write
tCW
70/85
ns
1
Address valid to end of write
tAW
70/85
ns
1
Write recovery time
tWR
0
ns
Address setup time
tAS
0
ns
Write pulse width
tWR
40
ns
Deep Sleep Pulse Width
tZZMIN
10
µs
Deep Sleep Recovery
tR
200
µs
ZZ#
tZZMIN
tCDZZ
tR
CE#
A4
ZZ#
tWC
tBW
tAS
CE#
WE#
tZZWE
tAW
tWP
tWR
tR
tZZMIN
LB#, UB#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com