Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-201-T43 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M-201-T43
Description  High flow,adjustable flow switch with right-angle flow
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M-201-T43 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M-201-T43 Datasheet HTML 1Page - List of Unclassifed Manufacturers M-201-T43 Datasheet HTML 2Page - List of Unclassifed Manufacturers M-201-T43 Datasheet HTML 3Page - List of Unclassifed Manufacturers M-201-T43 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tope Co., Ltd.
Tel: (02) 8228-0658 Fax: (02) 8228-0659 http://www.sensor.com.tw
1
1
1
1
1
Adjustable Flow Switches
High flow
High flow
High flow
High flow
High flow,,,,,
adjustable flow switch
adjustable flow switch
adjustable flow switch
adjustable flow switch
adjustable flow switch
with right-angle flow
with right-angle flow
with right-angle flow
with right-angle flow
with right-angle flow
Operation
Operation
Operation
Operation
Operation
The flow switch is activated by flow forcing a piston kept in
place by a spring to travel past a reed switch. This provides a
positive signal after a certain amount of travel.
Set point
adjustment is controlled by adjusting the positioning of the reed
switch.
Custom V
Custom V
Custom V
Custom V
Custom Versions A
ersions A
ersions A
ersions A
ersions Available
vailable
vailable
vailable
vailable
Malema welcomes the opportunity to apply its flow sensor
experience to work for its customers. Please contact the factory
for any special requirements; such as ports, extreme temperature
and pressure capabilities, etc.
3/8” Flar
3/8” Flar
3/8” Flar
3/8” Flar
3/8” Flare’
e’
e’
e’
e’sssss: Water:
0.03 - 3 gpm
Air:
1 - 30 scfm
1/2” Flar
1/2” Flar
1/2” Flar
1/2” Flar
1/2” Flare’
e’
e’
e’
e’sssss: Water:
0.1 - 5 gpm
Air:
1 - 50 scfm
* Maximum flows through switch are higher.
3/8” Flare
1/2” Flare
M-201-T Series
M-201-T Series
M-201-T Series
M-201-T Series
M-201-T Series
Featur
Featur
Featur
Featur
Features
es
es
es
es
• Field adjustable -- infinite flow range
• High repeatability
• Extremely sensitive
• Minimum pressure drop
• Position insensitive
Applications
Applications
Applications
Applications
Applications
• Cleaning Tools in the semiconductor industry
• Cooling systems
• Water treatment systems
• Process flows
Set Point Accuracy:
±10% maximum
Repeatability:
±2%
Hysteresis:
30%
(lower hysteresis on request)
*
• PTFE
Calibration Range *
Calibration Range *
Calibration Range *
Calibration Range *
Calibration Range *
Specifications
Specifications
Specifications
Specifications
Specifications
Material V
Material V
Material V
Material V
Material Versions
ersions
ersions
ersions
ersions
Port Sizes
Port Sizes
Port Sizes
Port Sizes
Port Sizes
For higher flow settings, contact factory.
The M-201-T Series flow switches are engineered and field tested
for sensing increasing and decreasing flow rates of gases or
liquids. Pressure variation effects are minimal. This series features
such versatility, economy, and accuracy that they can be used in
virtually any application requiring fool-proof inexpensive flow
detection.


Similar Part No. - M-201-T43

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M-2010 VISHAY-M-2010 Datasheet
104Kb / 4P
   High Reliability Thick Film Resistor,Surface Mount Chip
Revision: 07-Aug-14
logo
List of Unclassifed Man...
M-2011G ETC-M-2011G Datasheet
15Mb / 44P
   toggle switch
M-2011L ETC2-M-2011L Datasheet
1Mb / 12P
   Miniature Toggles
M-2012G ETC-M-2012G Datasheet
15Mb / 44P
   toggle switch
M-2012L ETC1-M-2012L Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
More results

Similar Description - M-201-T43

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1433 TTELEC-DS1433 Datasheet
326Kb / 2P
   Adjustable Liquid Flow Switch
logo
Laird Tech Smart Techno...
WL-1000 LSTD-WL-1000 Datasheet
594Kb / 3P
   Adjustable Flow Rate
WL-2000 LSTD-WL-2000 Datasheet
1Mb / 3P
   Adjustable Flow Rate
logo
List of Unclassifed Man...
M-61-T ETC1-M-61-T Datasheet
110Kb / 4P
   Non-Adjustable Flow Switches
logo
Systemsensor advanced i...
ZONECHECK SYSTEMSENSOR-ZONECHECK Datasheet
122Kb / 4P
   Flow Switch Tester
logo
Greystone Energy System...
GLFS1 GREYSTONE-GLFS1 Datasheet
129Kb / 1P
   LIQUID FLOW SWITCH
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Schneider Electric
IMT25 SCHNEIDER-IMT25 Datasheet
155Kb / 2P
   Magnetic flow transmitters, Flow, Hart
Apr 26, 2022
IMT96 SCHNEIDER-IMT96 Datasheet
125Kb / 1P
   Magnetic flow Transmitters, Flow, Hart
Apr 26, 2022
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
   Explosion Proof Flow Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com