Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 138 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 138 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 134Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 135Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 136Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 137Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 138Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 139Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 140Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 141Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 142Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 184 page
background image
138
AT89C5131A-L
4338F–USB–08/07
Table 94. USBIEN Register
USBIEN (S:BEh)
USB Global Interrupt Enable Register
Reset Value = 10h
Table 95. USBADDR Register
USBADDR (S:C6h)
USB Address Register
Reset Value = 80h
7
6
5
4
3
2
1
0
-
-
EWUPCPU
EEORINT
ESOFINT
-
-
ESPINT
Bit Number Bit Mnemonic Description
7-6
-
Reserved
The value read from these bits is always 0. Do not set these bits.
5
EWUPCPU
Enable Wake Up CPU Interrupt
Set this bit to enable Wake Up CPU Interrupt. (See “USBIEN Register
USBIEN (S:BEh) USB Global Interrupt Enable Register” on page 138.)
Clear this bit to disable Wake Up CPU Interrupt.
4
EEOFINT
Enable End Of Reset Interrupt
Set this bit to enable End Of Reset Interrupt. (See “USBIEN Register USBIEN
(S:BEh) USB Global Interrupt Enable Register” on page 138.). This bit is set
after reset.
Clear this bit to disable End Of Reset Interrupt.
3
ESOFINT
Enable SOF Interrupt
Set this bit to enable SOF Interrupt. (See “USBIEN Register USBIEN (S:BEh)
USB Global Interrupt Enable Register” on page 138.).
Clear this bit to disable SOF Interrupt.
2
-
Reserved
The value read from these bits is always 0. Do not set these bits.
1
-
0
ESPINT
Enable Suspend Interrupt
Set this bit to enable Suspend Interrupts (see the “USBIEN Register USBIEN
(S:BEh) USB Global Interrupt Enable Register” on page 138).
Clear this bit to disable Suspend Interrupts.
7
6
5
4
3
2
1
0
FEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
Bit Number
Bit
Mnemonic Description
7
FEN
Function Enable
Set this bit to enable the address filtering function.
Cleared this bit to disable the function.
6-0
UADD[6:0]
USB Address
This field contains the default address (0) after power-up or USB bus reset.
It will be written with the value set by a SET_ADDRESS request received by the
device firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com