Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 145 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 145 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 141Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 142Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 143Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 144Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 145Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 146Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 147Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 148Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 149Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 184 page
background image
145
AT89C5131A-L
4338F–USB–08/07
Table 103. UEPINT Register
UEPINT (S:F8h read-only)
USB Endpoint Interrupt Register
Reset Value = 00h
7
6
5
4
3
2
1
0
-
EP6INT
EP5INT
EP4INT
EP3INT
EP2INT
EP1INT
EP0INT
Bit Number
Bit
Mnemonic Description
7
-
Reserved
The value read from this bit is always 0. Do not set this bit.
6
EP6INT
Endpoint 6 Interrupt
This bit is set by hardware when an endpoint interrupt source has been detected on the
endpoint 6. The endpoint interrupt sources are in the UEPSTAX register and can be: TXCMP,
RXOUTB0, RXOUTB1, RXSETUP or STLCRC.
A USB interrupt is triggered when the EP6IE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the endpoint interrupt sources are cleared
5
EP5INT
Endpoint 5 Interrupt
This bit is set by hardware when an endpoint interrupt source has been detected on the
endpoint 5. The endpoint interrupt sources are in the UEPSTAX register and can be: TXCMP,
RXOUTB0, RXOUTB1, RXSETUP or STLCRC.
A USB interrupt is triggered when the EP5IE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the endpoint interrupt sources are cleared
4
EP4INT
Endpoint 4 Interrupt
This bit is set by hardware when an endpoint interrupt source has been detected on the
endpoint 4. The endpoint interrupt sources are in the UEPSTAX register and can be: TXCMP,
RXOUTB0, RXOUTB1, RXSETUP or STLCRC.
A USB interrupt is triggered when the EP4IE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the endpoint interrupt sources are cleared
3
EP3INT
Endpoint 3 Interrupt
This bit is set by hardware when an endpoint interrupt source has been detected on the
endpoint 3. The endpoint interrupt sources are in the UEPSTAX register and can be: TXCMP,
RXOUTB0, RXOUTB1, RXSETUP or STLCRC.
A USB interrupt is triggered when the EP3IE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the endpoint interrupt sources are cleared
2
EP2INT
Endpoint 2 Interrupt
This bit is set by hardware when an endpoint interrupt source has been detected on the
endpoint 2. The endpoint interrupt sources are in the UEPSTAX register and can be: TXCMP,
RXOUTB0, RXOUTB1, RXSETUP or STLCRC.
A USB interrupt is triggered when the EP2IE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the endpoint interrupt sources are cleared
1
EP1INT
Endpoint 1 Interrupt
This bit is set by hardware when an endpoint interrupt source has been detected on the
endpoint 1. The endpoint interrupt sources are in the UEPSTAX register and can be: TXCMP,
RXOUTB0, RXOUTB1, RXSETUP or STLCRC.
A USB interrupt is triggered when the EP1IE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the endpoint interrupt sources are cleared
0
EP0INT
Endpoint 0 Interrupt
This bit is set by hardware when an endpoint interrupt source has been detected on the
endpoint 0. The endpoint interrupt sources are in the UEPSTAX register and can be: TXCMP,
RXOUTB0, RXOUTB1, RXSETUP or STLCRC.
A USB interrupt is triggered when the EP0IE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the endpoint interrupt sources are cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com