Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 172 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 172 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 168Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 169Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 170Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 171Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 172Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 173Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 174Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 175Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 176Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 184 page
background image
172
AT89C5131A-L
4338F–USB–08/07
Flash EEPROM Memory and
Data EEPROM Memory
Table 124. Timing Symbol Definitions
Table 125. Memory AC Timing
VDD = 3.3V ± 10%, TA = -40 to +85°C
Figure 82. Flash Memory - ISP Waveforms
Figure 83. Flash Memory - Internal Busy Waveforms
Signals
Conditions
S (Hardware
Condition)
PSEN, EA
L
Low
R
RST
V
Valid
B
FBUSY Flag
X
No Longer Valid
Symbol
Parameter
Min
Typ
Max
Unit
T
SVRL
Input PSEN Valid to RST Edge
50
ns
T
RLSX
Input PSEN Hold after RST Edge
50
ns
T
BHBL
Flash EEPROM Internal Busy
(Programming) Time
10
20
ms
T
BHBL
EEPROM Data Internal Busy
(Programming) Time
10
20
ms
Flash EEPROM program memory write
cycles
100K
Cycles
Configuration bits (fuses bits) memory write
cycles (BLJB, X2, OSCON0, OSCON1)
1K
Cycles
EEPROM Data memory write cycles
100K
Cycles
RST
T
SVRL
PSEN1
T
RLSX
FBUSY bit
T
BHBL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com