Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K-02803G-P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # K-02803G-P
Description  LCD BACK LIGHT, COB TYPE, LCD CHARACTER 240 X 128
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

K-02803G-P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  K-02803G-P Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
K-18001GX-P
LCD BACK LIGHT, COB TYPE, LCD CHARACTER 240 X 128
Chip
Electro-Optical Characteristics
Iv(cd/m
2)
Vf(V)
Part No.
Luminous Area
(mm)
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Input
Current
Typ.
Typ.
K-18001GX-P
64.5X118.0mm
GaP
Yellow
Green
570
IF =900mA
80
4.2
K-02803G-P
LCD BACK LIGHT, TAB TYPE
Chip
Electro-Optical Characteristics
Iv(cd/m
2)
Vf(V)
Part No.
Luminous Area
(mm)
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Input
Current
Typ.
Typ.
K-02803G-P
34.6X90.0mm
GaP
Yellow
Green
570
IF =140mA
60
4.2
1.All dimension are in millimeters.
2.Tolerance is ±0.20 mm unless otherwise specified.


Similar Part No. - K-02803G-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K-03203GX ETC1-K-03203GX Datasheet
145Kb / 1P
   LCD BACK LIGHT, COB TYPE, LCD CHARACTER 16X1(L)
K-04204GX ETC1-K-04204GX Datasheet
145Kb / 1P
   LCD BACK LIGHT, COB TYPE, LCD CHARACTER 16X1(L)
K-04211GX-P ETC1-K-04211GX-P Datasheet
100Kb / 1P
   LCD BACK LIGHT, COB TYPE, LCD CHARACTER 20 X 2, 16 X 4
K-05205GX ETC1-K-05205GX Datasheet
100Kb / 1P
   LCD BACK LIGHT, COB TYPE, LCD CHARACTER 20 X 2, 16 X 4
logo
Tyco Electronics
K-064064-10-1A MACOM-K-064064-10-1A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Similar Description - K-02803G-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K-03203GX ETC1-K-03203GX Datasheet
145Kb / 1P
   LCD BACK LIGHT, COB TYPE, LCD CHARACTER 16X1(L)
K-04211GX-P ETC1-K-04211GX-P Datasheet
100Kb / 1P
   LCD BACK LIGHT, COB TYPE, LCD CHARACTER 20 X 2, 16 X 4
logo
Vishay Siliconix
LCD-240G128F VISHAY-LCD-240G128F Datasheet
115Kb / 3P
   240 x 128 Dots LCD
Revision 01-Oct-02
LCD-240H128A VISHAY-LCD-240H128A Datasheet
66Kb / 3P
   240 x 128 Graphic LCD
Revision: 23-Jun-17
LCD-240H128T VISHAY-LCD-240H128T Datasheet
63Kb / 3P
   240 x 128 Graphic LCD
Revision: 15-Jun-11
LCD-240H128B VISHAY-LCD-240H128B_V01 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2022
LCD-320C240A VISHAY-LCD-320C240A Datasheet
107Kb / 3P
   320 x 240 Character LCD
Revision 01-Oct-02
LCD-240H128E VISHAY-LCD-240H128E Datasheet
130Kb / 3P
   240 x 128 Graphic LCD
Revision: 22-Jun-17
LCD-240H128E VISHAY-LCD-240H128E_V02 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
LCD-240H128A VISHAY-LCD-240H128A_V02 Datasheet
69Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com