Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8983GEFL Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8983GEFL
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

  WM8983GEFL Datasheet HTML 1Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 2Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 3Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 4Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 5Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 6Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 7Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 8Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 9 / 8 page
background image
Product Preview
WM8983
w
PP Rev 1.1 August 2005
9
TERMINOLOGY
1.
Note the full scale input level is proportional to AVDD1 and so will scale accordingly.
2.
Hold Time is the length of time between a signal detected being too quiet and beginning to ramp up the gain. It does
not apply to ramping down the gain when the signal is too loud, which happens without a delay.
3.
Ramp-up and Ramp-Down times are defined as the time it takes for the PGA to sweep across 90% of its gain range.
4.
All hold, ramp-up and ramp-down times scale proportionally with MCLK
5.
Signal-to-noise ratio (dB) – SNR is a measure of the difference in level between the full scale output and the output
with no signal applied. (No Auto-zero or Automute function is employed in achieving these results).
6.
Dynamic range (dB) – DR is a measure of the difference between the highest and lowest portions of a signal.
Normally a THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB
to it. (e.g. THD+N @ -60dB= -32dB, DR= 92dB).
7.
THD+N (dB) – THD+N is a ratio, of the rms values, of (Noise + Distortion)/Signal.
8.
Channel Separation (dB) – Also known as Cross-Talk. This is a measure of the amount one channel is isolated from
the other. Normally measured by sending a full scale signal down one channel and measuring the other.
9.
The maximum output voltage can be limited by the speaker power supply. If SPKBOOST is set then AVDD2 should
be 1.5xAVDD to prevent clipping taking place in the output stage (when PGA gains are set to 0dB).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com