Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2420E/MLQTP Datasheet(PDF) 385 Page - Microchip Technology

Part # PIC18F2420E/MLQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2420E/MLQTP Datasheet(HTML) 385 Page - Microchip Technology

Back Button PIC18F2420E/MLQTP Datasheet HTML 381Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 382Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 383Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 384Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 385Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 386Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 387Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 388Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 389Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 390 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39631A-page 383
PIC18F2420/2520/4420/4520
Baud Rate Generator with Clock Arbitration ............ 188
BRG Overflow Sequence ......................................... 210
BRG Reset Due to SDA Arbitration
During Start Condition ..................................... 197
Brown-out Reset (BOR) ........................................... 345
Bus Collision During a Repeated
Start Condition (Case 1) .................................. 198
Bus Collision During a Repeated
Start Condition (Case 2) .................................. 198
Bus Collision During a Start Condition
(SCL = 0) ......................................................... 197
Bus Collision During a Stop Condition
(Case 1) ........................................................... 199
Bus Collision During a Stop Condition
(Case 2) ........................................................... 199
Bus Collision During Start Condition
(SDA only) ....................................................... 196
Bus Collision for Transmit and Acknowledge ........... 195
Capture/Compare/PWM (CCP) ................................ 347
CLKO and I/O .......................................................... 344
Clock Synchronization ............................................. 181
Clock/Instruction Cycle .............................................. 57
Example SPI Master Mode (CKE = 0) ..................... 349
Example SPI Master Mode (CKE = 1) ..................... 350
Example SPI Slave Mode (CKE = 0) ....................... 351
Example SPI Slave Mode (CKE = 1) ....................... 352
External Clock (All Modes except PLL) .................... 342
Fail-Safe Clock Monitor (FSCM) .............................. 262
First Start Bit Timing ................................................ 189
Full-Bridge PWM Output .......................................... 153
Half-Bridge PWM Output ......................................... 152
High/Low-Voltage Detect Characteristics ................ 339
High/Low-Voltage Detect Operation
(VDIRMAG = 0) ................................................ 245
High/Low-Voltage Detect Operation
(VDIRMAG = 1) ................................................ 246
I2C Bus Data ............................................................ 353
I2C Bus Start/Stop Bits ............................................. 353
I2C Master Mode (7 or 10-Bit Transmission) ........... 192
I2C Master Mode (7-Bit Reception) .......................... 193
I2C Slave Mode (10-Bit Reception, SEN = 0) .......... 178
I2C Slave Mode (10-Bit Reception, SEN = 1) .......... 183
I2C Slave Mode (10-Bit Transmission) ..................... 179
I2C Slave Mode (7-bit Reception, SEN = 0) ............. 176
I2C Slave Mode (7-Bit Reception, SEN = 1) ............ 182
I2C Slave Mode (7-Bit Transmission) ....................... 177
I2C Slave Mode General Call Address
Sequence (7 or 10-Bit Address Mode) ............ 184
I2C Stop Condition Receive or
Transmit Mode ................................................. 194
Master SSP I2C Bus Data ........................................ 355
Master SSP I2C Bus Start/Stop Bits ........................ 355
Parallel Slave Port (PIC18F4420/4520) ................... 348
Parallel Slave Port (PSP) Read ............................... 121
Parallel Slave Port (PSP) Write ............................... 121
PWM Auto-Shutdown (PRSEN = 0,
Auto-Restart Disabled) .................................... 158
PWM Auto-Shutdown (PRSEN = 1,
Auto-Restart Enabled) ..................................... 158
PWM Direction Change ........................................... 155
PWM Direction Change at Near
100% Duty Cycle ............................................. 155
PWM Output ............................................................ 144
Repeat Start Condition ............................................ 190
Reset, Watchdog Timer (WDT),
Oscillator Start-up Timer (OST),
Power-up Timer (PWRT) ................................. 345
Send Break Character Sequence ............................ 216
Slave Synchronization ............................................. 167
Slow Rise Time (MCLR Tied to VDD,
VDD Rise > TPWRT) ............................................ 47
SPI Mode (Master Mode) ........................................ 166
SPI Mode (Slave Mode, CKE = 0) ........................... 168
SPI Mode (Slave Mode, CKE = 1) ........................... 168
Synchronous Reception
(Master Mode, SREN) ..................................... 219
Synchronous Transmission ..................................... 217
Synchronous Transmission (Through TXEN) .......... 218
Time-out Sequence on POR w/PLL Enabled
(MCLR Tied to VDD) .......................................... 47
Time-out Sequence on Power-up
(MCLR Not Tied to VDD, Case 1) ...................... 46
Time-out Sequence on Power-up
(MCLR Not Tied to VDD, Case 2) ...................... 46
Time-out Sequence on Power-up
(MCLR Tied to VDD, VDD Rise < TPWRT) ........... 46
Timer0 and Timer1 External Clock .......................... 346
Transition for Entry to SEC_RUN Mode .................... 35
Transition for Entry to Sleep Mode ............................ 37
Transition for Two-Speed Start-up
(INTOSC to HSPLL) ........................................ 260
Transition for Wake from Sleep (HSPLL) .................. 37
Transition from RC_RUN Mode to
PRI_RUN Mode ................................................. 36
Transition from SEC_RUN Mode to
PRI_RUN Mode (HSPLL) .................................. 35
Transition Timing for Entry to Idle Mode .................... 38
Transition Timing for Wake from
Idle to Run Mode ............................................... 38
Transition to RC_RUN Mode ..................................... 36
USART Synchronous Receive
(Master/Slave) ................................................. 357
USART Synchronous Transmission
(Master/Slave) ................................................. 357
Timing Diagrams and Specifications ............................... 342
A/D Conversion Requirements ................................ 359
Capture/Compare/PWM Requirements ................... 347
CLKO and I/O Requirements ................................... 344
Example SPI Mode Requirements
(Master Mode, CKE = 0) .................................. 349
Example SPI Mode Requirements
(Master Mode, CKE = 1) .................................. 350
Example SPI Mode Requirements
(Slave Mode, CKE = 0) .................................... 351
Example SPI Mode Requirements
(Slave Mode, CKE = 1) .................................... 352
External Clock Requirements .................................. 342
I2C Bus Data Requirements (Slave Mode) .............. 354
I2C Bus Start/Stop Bits Requirements
(Slave Mode) ................................................... 353
Master SSP I2C Bus Data Requirements ................ 356
Master SSP I2C Bus Start/Stop Bits
Requirements .................................................. 355
Parallel Slave Port Requirements
(PIC18F4420/4520) ......................................... 348



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com