Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-10 Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # E-10
Description  PREFILTER SYSTEM FOR FOODSERVICE APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

E-10 Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  E-10 Datasheet HTML 1Page - Pentair plc. All rights reserved. E-10 Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pentair trademarks and logos are owned by Pentair plc or its affiliates. Third party registered and unregistered trademarks and logos are property of their respec-
tive owners. Because we are continuously improving our products and services, Pentair reserves the right to change specifications without prior notice. Pentair is
an equal opportunity employer.
© 2017 Pentair Filtration Solutions, LLC. All Rights Reserved.
WATER QUALITY SYSTEMS
EVERPURE-SHURFLO WORLD HEADQUARTERS, 1040 MUIRFIELD DRIVE, HANOVER PARK, IL 60133 USA • FOODSERVICE.PENTAIR.COM
800.942.1153 (US ONLY) • 630.307.3000 MAIN • 630.307.3030 FAX • CSEVERPURE@PENTAIR.COM EMAIL
EVERPURE-SHURFLO AUSTRALIA, 1-21 MONASH DRIVE, DANDENONG SOUTH, VIC 3175 AUSTRALIA
011.1300 576 190 TEL • 011.61.39.562.7237 FAX • AU.EVERPURE@PENTAIR.COM EMAIL
EVERPURE-SHURFLO CHINA, 21F CLOUD 9 PLAZA, NO 1118, SHANGHAI, 200052, CHINA
86.21.3211.4588 TEL • 86.21.3211.4580 FAX • CHINA.WATER@PENTAIR.COM EMAIL
EVERPURE-SHURFLO INDIA, GREEN BOULEVARD, B-9/A, 7TH FLOOR - TOWER B SECTOR 62, NOIDA - 201301
91.120.419.9444 TEL • 91.120.419.9400 FAX • INDIACUSTOMER@PENTAIR.COM EMAIL
EVERPURE-SHURFLO EUROPE, PENTAIR WATER BELGIUM BVBA, INDUSTRIEPARK WOLFSTEE, TOEKOMSTLAAN 30, B-2200 HERENTALS, BELGIUM
+32.(0).14.283.504 TEL • +32.(0).14.283.505 FAX • SALES@EVERPURE-EUROPE.COM EMAIL
EVERPURE-SHURFLO JAPAN INC., HASHIMOTO MN BLDG. 7F, 3-25-1 HASHIMOTO, MIDORI-KU, SAGAMIHARA-SHI KANAGAWA 252-0143, JAPAN
81.(0)42.775.3011 TEL • 81.(0)42.775.3015 FAX • INFO@EVERPURE.CO.JP EMAIL
EVERPURE-SHURFLO SOUTHEAST ASIA, 390 HAVELOCK ROAD, #04-01 KING’S CENTRE, SINGAPORE 169662
65.6768.5800 TEL • 65.6737.5149 FAX • CSEVERPURE@PENTAIR.COM EMAIL
EV9795-80 AP17
Service Flow Rate
Maximum 4.0 gpm (15 Lpm)
Pressure Requirements
10–125 psi (0.7–8.6 bar), non-shock
Temperature
35–100°F (2–38°C)
Overall Dimensions
12.44" H x 5.16" W x 5.5" D
(31.5 cm x 13.1 cm x 13.9 cm)
Inlet Connection
3/4"
Outlet Connection
3/4"
Operating Weight
6 lbs (2.7 kgs)
Shipping Weight
4 lbs (1.8 kgs)
Electrical Connection
None required
The contaminants or other substances removed or reduced by this drinking
water system are not necessarily in your water. Do not use with water that is
microbiologically unsafe or of unknown quality without adequate disinfection before
or after the system.
SPECIFICATIONS
WARRANTY
Everpure water treatment systems by Pentair® (excluding replaceable elements) are
covered by a limited warranty against defects in material and workmanship for a period
of five years after date of purchase. Everpure replaceable elements (filter cartridges
and water treatment cartridges) are covered by a limited warranty against defects in
material and workmanship for a period of one year after date of purchase. See printed
warranty for details. Pentair will provide a copy of the warranty upon request.
EVERPURE® E-10 PREFILTER SYSTEM
EV9795-80
12.44"
5.16"
Inlet
3/4" FNPT
Outlet
3/4" FNPT


Similar Part No. - E-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E-1000 ETC2-E-1000 Datasheet
36Kb / 1P
   STANDARD TOLERANCE
E-1000 ETC2-E-1000 Datasheet
280Kb / 1P
   ECON-O-GIDE PRESS-IN CARD GUIDE
E-1000-CI ETC2-E-1000-CI Datasheet
116Kb / 1P
   ECON-O-GIDE PRESS-IN CARD GUIDE W/CONDUCTIVE INSERT
E-101 ETC2-E-101 Datasheet
605Kb / 3P
   CURRENT REGULATIVE DIODE
logo
New Jersey Semi-Conduct...
E-101L NJSEMI-E-101L Datasheet
196Kb / 2P
   CURRENT REGULATOR DIODES
More results

Similar Description - E-10

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
MRS-350CC PENTAIR-MRS-350CC Datasheet
396Kb / 2P
   CONFIGURABLE SYSTEM THAT DELIVERS REVERSE OSMOSIS WATER FOR MULTIPLE FOODSERVICE APPLICATIONS
MRS-350 PENTAIR-MRS-350 Datasheet
385Kb / 2P
   CONFIGURABLE SYSTEM THAT DELIVERS REVERSE OSMOSIS WATER FOR MULTIPLE FOODSERVICE APPLICATIONS
CG5-10S PENTAIR-CG5-10S Datasheet
288Kb / 2P
   DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
CGT-10S PENTAIR-CGT-10S Datasheet
218Kb / 2P
   DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
CG5-20S PENTAIR-CG5-20S Datasheet
284Kb / 2P
   DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
CG53-10 PENTAIR-CG53-10 Datasheet
288Kb / 2P
   DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
MRS-225 PENTAIR-MRS-225 Datasheet
430Kb / 2P
   CONFIGURABLE SYSTEM THAT DELIVERS REVERSE OSMOSIS OR BLENDED WATER FOR MULTIPLE FOODSERVICE APPLICATIONS
MRS-225CC PENTAIR-MRS-225CC Datasheet
424Kb / 2P
   CONFIGURABLE SYSTEM THAT DELIVERS REVERSE OSMOSIS OR BLENDED WATER FOR MULTIPLE FOODSERVICE APPLICATIONS
4CB5-K PENTAIR-4CB5-K Datasheet
263Kb / 2P
   DELIVERS QUALITY WATER FOR FOODSERVICE, VENDING AND OCS APPLICATIONS
2CB5-K PENTAIR-2CB5-K Datasheet
245Kb / 2P
   DELIVERS QUALITY WATER FOR FOODSERVICE, VENDING AND OCS APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com