Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H-1200 Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part # H-1200
Description  H-1200 TWO-STAGE DRINKING WATER SYSTEM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

H-1200 Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  H-1200 Datasheet HTML 1Page - Pentair plc. All rights reserved. H-1200 Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FILTRATION & PROCESS
EVERPURE H-1200 TWO-STAGE DRINKING WATER SYSTEM
EVERPURE® H-1200
Lead
NSF/ANSI Standard 53 certified to
reduce cysts such as Cryptosporidium
and Giardia by mechanical means
Enhanced with KDF media to inhibit
scale build-up that can damage
equipment
Volatile Organic Chemicals (VOCs),
including THMs
MBTE
Chlorine taste & odor
Chloramines
Dirt and cloudiness*
Mold and algae*
Reduces particles as small as 0.5
micron in size by mechanical means
*As tested by Everpure, LLC
SPECIFICATIONS
Flow rate
controlled at 0.5 gpm (1.9 Lpm)
Temperature
35-100° F (2-38° C)
cold water use only
Pressure
10-125 psi (0.7-8.6 bar)
non-shock
Capacity
1,000 gal. (3,780 L)
Required Space
15W x 22H x 5D in
38W x 56H x 13D cm
SUBSTANCE REDUCTION
EPA EST. NO. 002623-IL-002
H-1200 TWO-STAGE DRINKING WATER SYSTEM
The same commercial quality that makes Pentair® Everpure the overwhelming
choice for water filtration in restaurants is also available for your home. The Pentair
Everpure exclusive precoat filtration technology combines Micro-Pure® and a unique
pleated filter membrane. This highly engineered design offers the largest filtering
surface area, longer filter life, and consistent performance.
What’s Inside
Exclusive Micro-Pure filtering
material coats the pleated surface
inside the cartridge
Commercial Grade Filtration
The Pentair Everpure signature metal
canister delivers commercial-grade
durability to protect the system from
splitting or bursting
Its food-grade polymer lining prevents
water from contacting the metal
Great Tasting Water
Effectively reduces methyl
tertiary butyl ether (MTBE)
Retains vital minerals found naturally
in water to ensure the health benefits
and delicious taste of your water
Added Benefits
Dual cartridge system boasts a longer
lifespan compared to single cartridge
system
FEATURES
22”
15”


Similar Part No. - H-1200

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
H-1201 BOURNS-H-1201 Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
H-1204 BOURNS-H-1204 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
H-1205 BOURNS-H-1205 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
More results

Similar Description - H-1200

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
H-300 PENTAIR-H-300 Datasheet
225Kb / 2P
   H-300 DRINKING WATER SYSTEM
H-54 PENTAIR-H-54 Datasheet
217Kb / 2P
   H-54 DRINKING WATER SYSTEM
GRO-2550 PENTAIR-GRO-2550 Datasheet
285Kb / 2P
   REVERSE OSMOSIS DRINKING WATER SYSTEM
logo
Endress+Hauser Group Se...
CPS31D EH-CPS31D Datasheet
867Kb / 12P
   pH sensors for drinking water and swimming pool water
2022-01-19
logo
Pentair plc. All rights...
OW200L PENTAIR-OW200L Datasheet
276Kb / 2P
   DELIVERS PREMIUM QUALITY DRINKING WATER FOR BOTTLELESS COOLERS AND DRINKING FOUNTAINS
QL2-OW200L PENTAIR-QL2-OW200L Datasheet
260Kb / 2P
   DELIVERS PREMIUM QUALITY DRINKING WATER FOR BOTTLELESS COOLERS AND DRINKING FOUNTAINS
2H-L PENTAIR-2H-L Datasheet
352Kb / 2P
   PREMIUM QUALITY WATER FOR BOTTLELESS COOLER AND DRINKING WATER APPLICATIONS
logo
Endress+Hauser Group Se...
CPS31E EH-CPS31E Datasheet
927Kb / 12P
   pH sensor for standard applications in drinking water and swimming pool water
2021-01-11
logo
Taoglas antenna solutio...
AP.25F.07.0078A TAOGLAS-AP.25F.07.0078A_17 Datasheet
905Kb / 7P
   25mm Two Stage GPS
logo
List of Unclassifed Man...
LMG002 ETC2-LMG002 Datasheet
553Kb / 1P
   Two Stage Linear Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com