| Electronic Components Datasheet Search |
|
PIC16F636E/ST Datasheet(PDF) 115 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F636E/ST Datasheet(HTML) 115 Page - Microchip Technology |
|
115 / 196 page ![]() © 2005 Microchip Technology Inc. Preliminary DS41232B-page 113 PIC12F635/PIC16F636/639 12.2 Reset The PIC12F635/PIC16F636/639 differentiates between various kinds of Reset: a) Power-on Reset (POR) b) Wake-up Reset (WUR) c) WDT Reset during normal operation d) WDT Reset during Sleep e) MCLR Reset during normal operation f) MCLR Reset during Sleep g) Brown-out Detect (BOD) Some registers are not affected in any Reset condition; their status is unknown on POR and unchanged in any other Reset. Most other registers are reset to a “Reset state” on: • Power-on Reset •MCLR Reset •MCLR Reset during Sleep •WDT Reset • Brown-out Detect They are not affected by a WDT wake-up since this is viewed as the resumption of normal operation. TO and PD bits are set or cleared differently in different Reset situations, as indicated in Table 12-3. These bits are used in software to determine the nature of the Reset. See Table 12-4 for a full description of Reset states of all registers. A simplified block diagram of the On-Chip Reset Circuit is shown in Figure 12-1. The MCLR Reset path has a noise filter to detect and ignore small pulses. See Section 15.0 “Electrical Specifications” for pulse width specifications. FIGURE 12-1: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT S R Q External Reset MCLR/VPP pin VDD OSC1/ WDT Module VDD Rise Detect OST/PWRT LFINTOSC WDT Time-out Power-on Reset OST 10-bit Ripple Counter PWRT Chip_Reset 11-bit Ripple Counter Reset Enable OST Enable PWRT Sleep Brown-out(1) Detect SBODEN BODEN<0> CLKI pin Note 1: Refer to the Configuration Word register (Register 12-1). Sleep WURE RA3 Change Wake-up Interrupt BODEN <1> |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |