Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-10 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # T-10
Description  Edison base plug fuses ??dual-element, time-delay, 125 volts, up to 30 amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

T-10 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  T-10 Datasheet HTML 1Page - Eaton All Rights Reserved. T-10 Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Edison base plug fuses – dual-element,
time-delay, 125 volts, up to 30 amps
Catalog symbol:
T - (amps)
BP/T - (amps)
Description:
Bussmann® series dual-element, time-delay
Edison style plug fuse.
Specifications:
Ratings
Volts — 125 Vac or less
Amps — 3/10 to 30 A
Interrupting rating — 10 kA RMS Sym
Agency Information
UL® Listed (up to 6-1/4 A), Std. 248-11, Guide
JFHR, File E56412, (7 to 30 A) Guide JEFV,
File E12112
CSA® Certified, Class 1423-01, File 53787
CE
Catalog numbers (amps)
T - 3/10
T - 2-1/4
T - 7
T - 4/10
T - 2-1/2
T - 8
T - 1/2
T - 2-8/10
T - 9
T - 6/10
T - 3
T - 10
T - 8/10
T - 3-2/10
T - 12
T - 1
T - 3-1/2
T - 14
T - 1-1/8
T - 4
T - 15
T - 1-1/4
T - 4-1/2
T - 20
T - 1-4/10
T - 5
T - 25
T - 1-6/10
T - 5-6/10
T - 30
T - 1-8/10
T - 6
T - 2
T - 6-1/4
Package quantity and weight
Amp
ratings
Quantity
Weight
Per
box
Per
card
Per
box
Per 5
cards
3/10 to 14 A
4
1
0.210
0.46
15 to 30 A
4
3
0.25
1.07
Features:
Heavy duty time-delay plug fuse
Use to protect critical motor circuits or
motors that cycle on/off frequently
An industrial/commerical grade product with
exclusive dualelement construction
Edison base size
These fuses thread into fuse receptacles and
box cover units
Industrial strength, featuring an exclusive
dual-element construction
This spring loaded design provides superior
short circuit and overload protection
More time-delay than the medium duty Type
TL fuses in order to better protect industrial
motors and critical residential circuits
Recommended fuse holders
Catalog
numbers
Type
box
Catalog
numbers
Type
box
SOU
2 1/4”
handy
SOY
4”
square
SRU
SRY
SSU
SSY
SOW
2 3/4”
handy
SSY-RL
SRW
STY
SSW
SCY
SOX
4”
octagon
SOY-B
SRX
SSN
Single
gang
Technical Data 1034
Effective May 2016
Supersedes December 1998
BUSSMANN
SERIES


Similar Part No. - T-10

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
T-10 COOPER-T-10 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element
logo
Panasonic Semiconductor
T-10 PANASONIC-T-10 Datasheet
386Kb / 7P
   Multi-purpose Snap Switches capable of 10 A
logo
3M Electronics
T-100 3M-T-100 Datasheet
281Kb / 5P
   3M??Petroleum Sorbents
logo
Tyco Electronics
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
   Two-Way Power Divider 10 - 1000 MHz
logo
Rhombus Industries Inc.
T-1000 RHOMBUS-IND-T-1000 Datasheet
37Kb / 1P
   HDSL Application Pulse Transformer
More results

Similar Description - T-10

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TL-15 COOPER-TL-15 Datasheet
147Kb / 2P
   Edison base plug fuses ??time-delay, 125 volts, 15-30 amps
logo
Eaton All Rights Reserv...
TL-15 EATON-TL-15 Datasheet
147Kb / 2P
   Edison base plug fuses ??time-delay, 125 volts, 15-30 amps
logo
Cooper Bussmann, Inc.
T-2-1-4 COOPER-T-2-1-4 Datasheet
26Kb / 1P
   Dual-Element, Time-Delay, Edison Base 125 Volts, 1??0 Amps
logo
Eaton All Rights Reserv...
S-1-4 EATON-S-1-4 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Cooper Bussmann, Inc.
TL-20 COOPER-TL-20 Datasheet
24Kb / 1P
   Plug Fuses Time-Delay, Edison Base 125 Volts, 15??0 Amps
logo
Eaton All Rights Reserv...
SL-15 EATON-SL-15 Datasheet
147Kb / 2P
   Rejection base plug fuses ??time-delay, 125 volts, 15-30 amps
logo
Cooper Bussmann, Inc.
T-310 COOPER-T-310 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element
TC-15 COOPER-TC-15 Datasheet
163Kb / 2P
   Edison base CSA plug fuses ??dual-element
logo
Eaton All Rights Reserv...
W-1-2 EATON-W-1-2 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
logo
Cooper Bussmann, Inc.
W-12 COOPER-W-12 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com