Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4A6RG Datasheet(PDF) 280 Page - STMicroelectronics

Part # STM32L4A6RG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 1MB Flash, 320KB SRAM, USB OTG FS, audio, AESHASH, ext. SMPS
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4A6RG Datasheet(HTML) 280 Page - STMicroelectronics

Back Button STM32L4A6RG Datasheet HTML 274Page - STMicroelectronics STM32L4A6RG Datasheet HTML 275Page - STMicroelectronics STM32L4A6RG Datasheet HTML 276Page - STMicroelectronics STM32L4A6RG Datasheet HTML 277Page - STMicroelectronics STM32L4A6RG Datasheet HTML 278Page - STMicroelectronics STM32L4A6RG Datasheet HTML 279Page - STMicroelectronics STM32L4A6RG Datasheet HTML 280Page - STMicroelectronics STM32L4A6RG Datasheet HTML 281Page - STMicroelectronics STM32L4A6RG Datasheet HTML 282Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 280 / 282 page
background image
Revision history
STM32L4A6xG
280/282
DS11584 Rev 8
09-Jan-2018
3
Updated Features, Section 3.12: Clocks and startup,
Table 15: STM32L4A6xG pin definitions, Table 66: EMI
characteristics, Table 70: I/O static characteristics,
Table 76: ADC characteristics
Added Figure 12: STM32L4A6Qx, external SMPS
device, UFBGA132 ballout, Table 27: Current
consumption in Run modes, code with data processing
running from Flash, (ART enable Cache ON Prefetch
OFF) and power supplied (by external SMPS (VDD12 =
1.10 V)Table 29: Current consumption in Run modes,
code with data processing running from Flash, ART
disable and power supplied by external SMPS (VDD12
= 1.10 V), Table 31: Current consumption in Run, code
with data processing running from SRAM1 and power
supplied by external SMPS (VDD12 = 1.10 V), Table 33:
Typical current consumption in Run, with different codes
running from Flash, ART enable (Cache ON Prefetch
OFF) and power supplied (by external SMPS (VDD12 =
1.10 V), Table 34: Typical current consumption in Run,
with different codes running from Flash, ART enable
(Cache ON Prefetch OFF) and power supplied (by
external SMPS (VDD12 = 1.05 V), Table 36: Typical
current consumption in Run modes, with different
codesrunning from Flash, ART disable and power
supplied by external SMPS (VDD12 = 1.10 V), Table 37:
Typical current consumption in Run modes, with
different codesrunning from Flash, ART disable and
power supplied by external SMPS (VDD12 = 1.05 V),
Table 39: Typical current consumption in Run, with
different codesrunning from SRAM1 and power supplied
by external SMPS (VDD12 = 1.10 V), Table 40: Typical
current consumption in Run, with different codesrunning
from SRAM1 and power supplied by external SMPS
(VDD12 = 1.05 V), Table 42: Current consumption in
Sleep, Flash ON and power supplied by external SMPS
(VDD12 = 1.10 V), Figure 12: STM32L4A6Qx, external
SMPS device, UFBGA132 ballout, Section 6.3.16:
Extended interrupt and event controller input (EXTI)
characteristics, USB OTG full speed (FS)
characteristics, Figure 74: UFBGA132, external SMPS
device, marking (package top view)
11-Jan-2018
4
Updated Table 15: STM32L4A6xG pin definitions
14-Feb-2018
5
Updated Table 8: Temperature sensor calibration values
17-May-2018
6
Updated: Figure 1: STM32L4A6xG block diagram,
Figure 5: Clock tree, Table 5: Functionalities depending
on the working mode, Table 6: STM32L4A6xG
peripherals interconnect matrix, Section 3.10.1: Power
supply schemes, Table 19: Voltage characteristics,
Table 86: OPAMP characteristics, Section 3.17: Analog
to digital converter (ADC), Table 82: DAC characteristics
Added: Figure 4: Power-up/down sequence
Table 134. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com