Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4A6VG Datasheet(PDF) 281 Page - STMicroelectronics

Part # STM32L4A6VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 1MB Flash, 320KB SRAM, USB OTG FS, audio, AESHASH, ext. SMPS
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4A6VG Datasheet(HTML) 281 Page - STMicroelectronics

Back Button STM32L4A6VG Datasheet HTML 274Page - STMicroelectronics STM32L4A6VG Datasheet HTML 275Page - STMicroelectronics STM32L4A6VG Datasheet HTML 276Page - STMicroelectronics STM32L4A6VG Datasheet HTML 277Page - STMicroelectronics STM32L4A6VG Datasheet HTML 278Page - STMicroelectronics STM32L4A6VG Datasheet HTML 279Page - STMicroelectronics STM32L4A6VG Datasheet HTML 280Page - STMicroelectronics STM32L4A6VG Datasheet HTML 281Page - STMicroelectronics STM32L4A6VG Datasheet HTML 282Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 281 / 282 page
background image
DS11584 Rev 8
281/282
STM32L4A6xG
Revision history
281
16-Jul-2018
7
Updated Figure 15: STM32L4A6Vx WLCSP100
pinout(1), Figure 16: STM32L4A6Vx, external SMPS
device, WLCSP100 pinout(1), Table 15: STM32L4A6xG
pin definitions, Figure 72: UFBGA - 132-ball, 7 x 7 mm
ultra thin fine pitch ball grid array package
recommended footprint, Figure 80: WLCSP – 100 ball,
4.166 x 4.628 mm 0.4 mm pitch wafer level chip scale
package recommended footprint
24-Sep-2018
8
Updated Section 3.41: Flexible static memory controller
(FSMC), Table 15: STM32L4A6xG pin definitions,
Table 16: Alternate function AF0 to AF7
Added Figure 13: STM32L4A6Vx LQFP100 pinout(1),
Figure 18: STM32L4A6Rx, external SMPS, LQFP64
pinout(1), Figure 78: LQFP100, external SMPS device,
marking (package top view), Figure 86: LQFP64,
external SMPS device, marking (package top view)
Table 134. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com